Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD98405 Datasheet(PDF) 13 Page - NEC

Part # UPD98405
Description  155M ATM INTEGRATED SAR CONTROLLER
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD98405 Datasheet(HTML) 13 Page - NEC

Back Button UPD98405 Datasheet HTML 9Page - NEC UPD98405 Datasheet HTML 10Page - NEC UPD98405 Datasheet HTML 11Page - NEC UPD98405 Datasheet HTML 12Page - NEC UPD98405 Datasheet HTML 13Page - NEC UPD98405 Datasheet HTML 14Page - NEC UPD98405 Datasheet HTML 15Page - NEC UPD98405 Datasheet HTML 16Page - NEC UPD98405 Datasheet HTML 17Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 64 page
background image
Data Sheet S12689EJ2V0DS00
13
µµµµPD98405
(2/3)
Pin Name
Pin No.
I/O
I/O Level
Function
SIZE2
SIZE1
SIZE0
63
64
65
O
TTL
Burst size.
These pins indicate the size of current DMA transfer. They are
used to interface with a bus (such as S bus) that requires an
explicit burst size.
SIZE2
SIZE1
SIZE0
Function
0
0
0
1-word transfer
0
0
1
2-word burst
0
1
0
4-word burst
0
1
1
8-word burst
1
0
0
16-word burst
1
0
1
12-word burst
Others
Undefined
DR/W_B
60
O
TTL
DMA read/write.
This pin indicates the direction of DMA access.
1: Read access
0: Write access
ATTN_B
294
O
TTL
Attention (DMA request).
The
µPD98405 makes the ATTN_B signal low when it is to
execute a DMA operation. The ATTN_B signal becomes
inactive in synchronization with the rising edge of CLK when
only one more word of data is to be transferred by means of
DMA.
GNT_B
291
I
TTL
Bus enable.
The GNT_B signal goes low when the bus arbiter grants the
µPD98405 the bus mastership in response to a DMA request
from the
µPD98405. When the µPD98405 detects that the
GNT_B signal has gone low, it starts a DMA operation,
assuming that the bus mastership has been granted.
RDY_B
23
I
TTL
Target device ready.
This signal informs the
µPD98405 in the DMA cycle that the
target device is ready for input/output. The
µPD98405 makes
the RDY_B signal low if valid data exists on AD31 through AD0
when it executes a DMA read operation. When executing a
DMA write operation, the
µPD98405 makes the ATTN_B signal
low if the target device is ready for reception.
The timing at which the
µPD98405 samples the RDY_B and
ABRT_B signals can be bring forward by 1 clock depending on
the setting of an internal register (GMR register).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com