Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD98409 Datasheet (PDF) - NEC

UPD98409 Datasheet PDF - NEC
Part # UPD98409
Download  UPD98409 Download
File Size   402.68 Kbytes
Page   36 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description ATM LIGHT SAR CONTROLLER

UPD98409 Datasheet (PDF)

Go To PDF Page Download Datasheet
UPD98409 Datasheet PDF - NEC

Part # UPD98409
Download  UPD98409 Click to download

File Size   402.68 Kbytes
Page   36 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description ATM LIGHT SAR CONTROLLER

UPD98409 Datasheet (HTML) - NEC


UPD98409 Product details

DESCRIPTION
The µPD98409 (NEASCOT-S40CTM) is a high-performance SAR chip for segmentation and reassembly of ATM cells. Provided with a PCI (Peripheral Component Interconnect) bus interface control memory and supporting a MPEG packet transfer engine function to mitigate the workload of the CPU in transferring compressed image data, this chip has ideal specifications for use in a set top box (STB) to interface with an ATM network. The µPD98409 conforms to ATM Forum recommendations and has AAL5-SAR sublayer and ATM layer functions.

FEATURES
• Conforms to ATM Forum
• PCI bus interface (5/3.3 V, 32/64 bits, 33 MHz)
   Conforms to PCI Local Bus Specification Revision 2.1
• AAL-5 SAR sublayer and ATM layer functions
• Hardware support of AAL-5 processing (non-AAL-5 processing can be supported in software)
• Supports up to 64 virtual channels (VC) (64-VC control memory)
• Two traffic shapers for transmission scheduling
• MPEG packet transfer engine mitigating the workload of compressed image data transfer by CPU
• Receive FIFO of 12 cells
• PHY device I/F: UTOPIA Level-1 interface (octet/cell level handshake)
• JTAG boundary scan test functions
• 0.35-µm CMOS process, +5/+3.3-V power supply
   - Bus interface +5 V : +5/+3.3-V power supply
   - Bus interface +3.3 V : +3.3-V single power supply




Similar Part No. - UPD98409

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD98409 RENESAS-UPD98409 Datasheet
656Kb / 42P
MOS INTEGRATED CIRCUIT
1998
UPD98409GN-LMU RENESAS-UPD98409GN-LMU Datasheet
656Kb / 42P
MOS INTEGRATED CIRCUIT
1998
UPD98409GN-LMU-A RENESAS-UPD98409GN-LMU-A Datasheet
656Kb / 42P
MOS INTEGRATED CIRCUIT
1998
More results


Similar Description - UPD98409

ManufacturerPart #DatasheetDescription
logo
NEC
UPD98401A NEC-UPD98401A Datasheet
216Kb / 36P
ATM SAR CHIP
UPD98405 NEC-UPD98405 Datasheet
333Kb / 64P
155M ATM INTEGRATED SAR CONTROLLER
logo
PMC-Sierra, Inc
PM7375 PMC-PM7375 Datasheet
1Mb / 430P
LOCAL ATM SAR & PHYSICAL LAYER
logo
Mitel Networks Corporat...
MT90500 MITEL-MT90500 Datasheet
514Kb / 159P
Multi-Channel ATM AAL1 SAR
logo
Infineon Technologies A...
PXF4225E INFINEON-PXF4225E Datasheet
638Kb / 2P
ATM Interworking Controller
2003
logo
Motorola, Inc
MPC860SAR MOTOROLA-MPC860SAR Datasheet
45Kb / 16P
ATM communication controller
logo
Integrated Device Techn...
IDT77252 IDT-IDT77252 Datasheet
134Kb / 17P
155 Mbps ATM SAR Controller With ABR Support for PCI-based Networking Applications
logo
M/A-COM Technology Solu...
28236-BRF-001-A MA-COM-28236-BRF-001-A Datasheet
515Kb / 4P
OC-3 ATM SAR Controller with UTOPIA Level 2
28236-BRF-001-A MA-COM-28236-BRF-001-A_15 Datasheet
515Kb / 4P
OC-3 ATM SAR Controller with UTOPIA Level 2
logo
PMC-Sierra, Inc
PM7375-1 PMC-PM7375-1 Datasheet
65Kb / 2P
ATM SAR and PHY Processor for PCI Bus
More results




About NEC


NEC Corporation is a Japanese multinational information technology and electronics company. The company was founded in 1899 and is headquartered in Tokyo, Japan. NEC provides a wide range of products and services including information technology, telecommunications, and electronics. Its portfolio includes computer hardware, software, and services, network solutions, display solutions, and enterprise servers and storage solutions.

NEC is known for its expertise in the field of information technology and its ability to deliver innovative and high-quality products and services. The company has operations and facilities in various countries across the world and has a strong presence in the Asia-Pacific region. NEC works closely with its customers to provide customized solutions that meet their specific requirements and needs.

In addition to its core business, NEC is also active in the fields of research and development, and is involved in various projects related to advanced technologies such as artificial intelligence, 5G networks, and the Internet of Things (IoT). NEC is committed to delivering sustainable solutions that support the development of society and improve the quality of life for people around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com