Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD98409 Datasheet(PDF) 1 Page - NEC

Part # UPD98409
Description  ATM LIGHT SAR CONTROLLER
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD98409 Datasheet(HTML) 1 Page - NEC

  UPD98409 Datasheet HTML 1Page - NEC UPD98409 Datasheet HTML 2Page - NEC UPD98409 Datasheet HTML 3Page - NEC UPD98409 Datasheet HTML 4Page - NEC UPD98409 Datasheet HTML 5Page - NEC UPD98409 Datasheet HTML 6Page - NEC UPD98409 Datasheet HTML 7Page - NEC UPD98409 Datasheet HTML 8Page - NEC UPD98409 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
The information in this document is subject to change without notice.
MOS INTEGRATED CIRCUIT
µµµµPD98409
ATM LIGHT SAR CONTROLLER
1997, 1998
©
Document No. S12775EJ2V0DS00 (2nd edition)
Date Published May 1998 N CP(K)
Printed in Japan
DATA SHEET
The mark
shows major revised points.
DESCRIPTION
The
µPD98409 (NEASCOT-S40CTM) is a high-performance SAR chip for segmentation and reassembly of ATM
cells. Provided with a PCI (Peripheral Component Interconnect) bus interface control memory and supporting a
MPEG packet transfer engine function to mitigate the workload of the CPU in transferring compressed image data,
this chip has ideal specifications for use in a set top box (STB) to interface with an ATM network. The
µPD98409
conforms to ATM Forum recommendations and has AAL5-SAR sublayer and ATM layer functions.
FEATURES
•
Conforms to ATM Forum
•
PCI bus interface (5/3.3 V, 32/64 bits, 33 MHz)
Conforms to PCI Local Bus Specification Revision 2.1
•
AAL-5 SAR sublayer and ATM layer functions
•
Hardware support of AAL-5 processing (non-AAL-5 processing can be supported in software)
•
Supports up to 64 virtual channels (VC) (64-VC control memory)
•
Two traffic shapers for transmission scheduling
•
MPEG packet transfer engine mitigating the workload of compressed image data transfer by CPU
•
Receive FIFO of 12 cells
•
PHY device I/F: UTOPIA Level-1 interface (octet/cell level handshake)
•
JTAG boundary scan test functions
•
0.35-
µm CMOS process, +5/+3.3-V power supply
- Bus interface +5 V : +5/+3.3-V power supply
- Bus interface +3.3 V : +3.3-V single power supply
ORDERING INFORMATION
Part Number
Package
µPD98409GN-LMU
240-pin plastic QFP (0.5-mm fine pitch) (32
× 32 mm)


Similar Part No. - UPD98409

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD98409 RENESAS-UPD98409 Datasheet
656Kb / 42P
MOS INTEGRATED CIRCUIT
1998
UPD98409GN-LMU RENESAS-UPD98409GN-LMU Datasheet
656Kb / 42P
MOS INTEGRATED CIRCUIT
1998
UPD98409GN-LMU-A RENESAS-UPD98409GN-LMU-A Datasheet
656Kb / 42P
MOS INTEGRATED CIRCUIT
1998
More results

Similar Description - UPD98409

ManufacturerPart #DatasheetDescription
logo
NEC
UPD98401A NEC-UPD98401A Datasheet
216Kb / 36P
ATM SAR CHIP
UPD98405 NEC-UPD98405 Datasheet
333Kb / 64P
155M ATM INTEGRATED SAR CONTROLLER
logo
PMC-Sierra, Inc
PM7375 PMC-PM7375 Datasheet
1Mb / 430P
LOCAL ATM SAR & PHYSICAL LAYER
logo
Mitel Networks Corporat...
MT90500 MITEL-MT90500 Datasheet
514Kb / 159P
Multi-Channel ATM AAL1 SAR
logo
Infineon Technologies A...
PXF4225E INFINEON-PXF4225E Datasheet
638Kb / 2P
ATM Interworking Controller
2003
logo
Motorola, Inc
MPC860SAR MOTOROLA-MPC860SAR Datasheet
45Kb / 16P
ATM communication controller
logo
Integrated Device Techn...
IDT77252 IDT-IDT77252 Datasheet
134Kb / 17P
155 Mbps ATM SAR Controller With ABR Support for PCI-based Networking Applications
logo
M/A-COM Technology Solu...
28236-BRF-001-A MA-COM-28236-BRF-001-A Datasheet
515Kb / 4P
OC-3 ATM SAR Controller with UTOPIA Level 2
28236-BRF-001-A MA-COM-28236-BRF-001-A_15 Datasheet
515Kb / 4P
OC-3 ATM SAR Controller with UTOPIA Level 2
logo
PMC-Sierra, Inc
PM7375-1 PMC-PM7375-1 Datasheet
65Kb / 2P
ATM SAR and PHY Processor for PCI Bus
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com