Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1N3891 Datasheet (PDF) - New Jersey Semi-Conductor Products, Inc.

1N3891 Datasheet PDF - New Jersey Semi-Conductor Products, Inc.
Part # 1N3891
Download  1N3891 Download
File Size   100.08 Kbytes
Page   1 Pages
Manufacturer  NJSEMI [New Jersey Semi-Conductor Products, Inc.]
Direct Link  http://www.njsemi.com
Logo NJSEMI - New Jersey Semi-Conductor Products, Inc.
Description Fast Rectifier, 10A < I(O)/I(F) s 20A

1N3891 Datasheet (PDF)

Go To PDF Page Download Datasheet
1N3891 Datasheet PDF - New Jersey Semi-Conductor Products, Inc.

Part # 1N3891
Download  1N3891 Click to download

File Size   100.08 Kbytes
Page   1 Pages
Manufacturer  NJSEMI [New Jersey Semi-Conductor Products, Inc.]
Direct Link  http://www.njsemi.com
Logo NJSEMI - New Jersey Semi-Conductor Products, Inc.
Description Fast Rectifier, 10A < I(O)/I(F) s 20A

1N3891 Datasheet (HTML) - New Jersey Semi-Conductor Products, Inc.


1N3891 Product details

FAST RECOVERY POWER RECTIFIERS 50-800 VOLTS 12 AMPERS




Similar Part No. - 1N3891

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
1N3891 MICROSEMI-1N3891 Datasheet
111Kb / 2P
Fast Recovery Rectifier
logo
International Rectifier
1N3891 IRF-1N3891 Datasheet
315Kb / 8P
6A, 12A AND 16A FAST RECOVERY RECTIFIERS
logo
Vishay Siliconix
1N3891 VISHAY-1N3891 Datasheet
2Mb / 11P
Fast Recovery Diodes(Stud Version)
26-Sep-08
logo
Microsemi Corporation
1N3891 MICROSEMI-1N3891 Datasheet
120Kb / 2P
Fast Recovery Rectifier
1N3891 MICROSEMI-1N3891 Datasheet
88Kb / 3P
HIGH RELIABILITY FAST RECOVERY RECTIFIER
More results


Similar Description - 1N3891

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
1N3378 NJSEMI-1N3378 Datasheet
75Kb / 1P
SI RECTIFIER, 10A < I(O)/I(F) s 20A
1N3880 NJSEMI-1N3880 Datasheet
94Kb / 1P
Fast Rectifier, 5A < I(O)/I(F) s 10A
1N3890 NJSEMI-1N3890 Datasheet
94Kb / 1P
Fast Rectifier, 10A < I(O)/I(F) s 20A
1N3890A NJSEMI-1N3890A Datasheet
93Kb / 1P
Fast Rectifier, 10A < I(O)/I(F) s 20A
1N3890R NJSEMI-1N3890R Datasheet
108Kb / 1P
Fast Rectifier, 10A < I(O)/I(F) s 20A
1N3910 NJSEMI-1N3910 Datasheet
103Kb / 1P
Fast Rectifier, 20A < I(0)/I(F) s 50A
1N3882 NJSEMI-1N3882 Datasheet
103Kb / 1P
Fast Rectifier, 5A < I(O) / I(F) <10A
1N5814 NJSEMI-1N5814 Datasheet
78Kb / 1P
FAST RECTIFIER, 10 A < I (O) / I (F) s 20A
1N5816 NJSEMI-1N5816 Datasheet
93Kb / 1P
FAST RECTIFIER, 10 A < I(O) / I(F) s 20A
1N6081 NJSEMI-1N6081 Datasheet
84Kb / 1P
FAST RECTIFIER, 2A < I(O) / I(F) s 5A
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com