Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1N5814 Datasheet (PDF) - New Jersey Semi-Conductor Products, Inc.

1N5814 Datasheet PDF - New Jersey Semi-Conductor Products, Inc.
Part # 1N5814
Download  1N5814 Download
File Size   78.79 Kbytes
Page   1 Pages
Manufacturer  NJSEMI [New Jersey Semi-Conductor Products, Inc.]
Direct Link  http://www.njsemi.com
Logo NJSEMI - New Jersey Semi-Conductor Products, Inc.
Description FAST RECTIFIER, 10 A < I (O) / I (F) s 20A

1N5814 Datasheet (PDF)

Go To PDF Page Download Datasheet
1N5814 Datasheet PDF - New Jersey Semi-Conductor Products, Inc.

Part # 1N5814
Download  1N5814 Click to download

File Size   78.79 Kbytes
Page   1 Pages
Manufacturer  NJSEMI [New Jersey Semi-Conductor Products, Inc.]
Direct Link  http://www.njsemi.com
Logo NJSEMI - New Jersey Semi-Conductor Products, Inc.
Description FAST RECTIFIER, 10 A < I (O) / I (F) s 20A

1N5814 Datasheet (HTML) - New Jersey Semi-Conductor Products, Inc.


1N5814 Product details

DESCRIPTION
This series of High Efficiency Power Rectifiers allows circuit designers to design high current, high frequency supplies to 500 kHz with very low diode losses. The high forward surge capability makes these devices useful in protective circuits.

FEATURES
● Exceptional Efficiency
● Low Forward Voltage
● Extremely Fast Reverse Recovery Time
● Extremely Fast Forward Recovery Time
● High Surge
● Small Size
● Rugged, High Current Termination




Similar Part No. - 1N5814

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
1N5814 MCC-1N5814 Datasheet
124Kb / 2P
20 Amp Ultra Fast Recovery Rectifier 50 to 150 Volts
logo
Microsemi Corporation
1N5814 MICROSEMI-1N5814 Datasheet
114Kb / 1P
ULTRA FAST RECOVERY RECTIFIERS
1N5814 MICROSEMI-1N5814 Datasheet
59Kb / 1P
FAST RECOVERY POWER RECTIFIER
1N5814 MICROSEMI-1N5814 Datasheet
77Kb / 3P
HIGH RELIABILITY ULTRA FAST RECOVERY RECTIFIER
logo
Digitron Semiconductors
1N5814 DIGITRON-1N5814 Datasheet
573Kb / 4P
RECTIFIERS HIGH EFFICIENCY
More results


Similar Description - 1N5814

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
1N3378 NJSEMI-1N3378 Datasheet
75Kb / 1P
SI RECTIFIER, 10A < I(O)/I(F) s 20A
1N3880 NJSEMI-1N3880 Datasheet
94Kb / 1P
Fast Rectifier, 5A < I(O)/I(F) s 10A
1N3890 NJSEMI-1N3890 Datasheet
94Kb / 1P
Fast Rectifier, 10A < I(O)/I(F) s 20A
1N3890A NJSEMI-1N3890A Datasheet
93Kb / 1P
Fast Rectifier, 10A < I(O)/I(F) s 20A
1N3890R NJSEMI-1N3890R Datasheet
108Kb / 1P
Fast Rectifier, 10A < I(O)/I(F) s 20A
1N3891 NJSEMI-1N3891 Datasheet
100Kb / 1P
Fast Rectifier, 10A < I(O)/I(F) s 20A
1N3910 NJSEMI-1N3910 Datasheet
103Kb / 1P
Fast Rectifier, 20A < I(0)/I(F) s 50A
1N3913 NJSEMI-1N3913 Datasheet
105Kb / 1P
Fast Rectifiers, 20A < I(0)/I(F) s 50A
1N5816 NJSEMI-1N5816 Datasheet
93Kb / 1P
FAST RECTIFIER, 10 A < I(O) / I(F) s 20A
1N6081 NJSEMI-1N6081 Datasheet
84Kb / 1P
FAST RECTIFIER, 2A < I(O) / I(F) s 5A
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com