Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5111 Datasheet (PDF) - Analog Devices

AD5111 Datasheet PDF - Analog Devices
Part # AD5111
Download  AD5111 Download
File Size   455.5 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Single-Channel, 64-Position, Push Button, 짹8% Resistor Tolerance, Nonvolatile Digital Potentiometer

AD5111 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD5111 Datasheet PDF - Analog Devices

Part # AD5111
Download  AD5111 Click to download

File Size   455.5 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Single-Channel, 64-Position, Push Button, 짹8% Resistor Tolerance, Nonvolatile Digital Potentiometer

AD5111 Datasheet (HTML) - Analog Devices


AD5111 Product details

GENERAL DESCRIPTION

The AD5116 provides a nonvolatile digital potentiometer solution for 64-position adjustment applications, offering guaranteed low resistor tolerance errors of ±8% and up to ±6 mA current density in the A, B, and W pins. The low resistor tolerance, low nominal temperature coefficient, and high bandwidth simplify open-loop applications, as well as tolerance matching applications.



FEATURES

  Nominal resistor tolerance error: ±8% maximum

  Wiper current: ±6 mA

  Rheostat mode temperature coefficient: 35 ppm/°C

  Low power consumption: 2.5 µA max @ 2.7 V and 125°C

  Wide bandwidth: 4 MHz (5 kΩ option)

  Power-on EEPROM refresh time < 50 μs

  50-year typical data retention at 125°C

  1 million write cycles

  2.3 V to 5.5 V supply operation

  Built-in adaptive debouncer

  Wide operating temperature: −40°C to +125°C

  Thin, 2 mm × 2 mm × 0.55 mm 8-lead LFCSP package



APPLICATIONS

  Mechanical potentiometer replacement

  Portable electronics level adjustment

  Audio volume control

  Low resolution DAC

  LCD panel brightness and contrast control

  Programmable voltage to current conversion

  Programmable filters, delays, time constants

  Feedback resistor programmable power supply

  Sensor calibration



 




Similar Part No. - AD5111

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5111 AD-AD5111 Datasheet
524Kb / 28P
Single-Channel, 128-/64-/32-Position, I2C, 짹8% Resistor Tolerance, Nonvolatile Digital Potentiometer
REV. 0
AD5111 AD-AD5111 Datasheet
458Kb / 24P
Single-Channel, 128-/64-/32-Position, Up/Down, 짹8% Resistor Tolerance, Nonvolatile Digital Potentiometer
REV. 0
AD5111 AD-AD5111 Datasheet
374Kb / 16P
Single-Channel, 64-Position, Push Button, ±8% Resistor Tolerance, Nonvolatile Digital Potentiometer
Rev. B
AD5111 AD-AD5111 Datasheet
448Kb / 24P
Single-Channel, 128-/64-/32-Position, Up/Down, ±8% Resistor Tolerance, Nonvolatile Digital Potentiometer
Rev. B
AD5111 AD-AD5111 Datasheet
2Mb / 28P
Single-Channel, 128-/64-/32-Position, I2C, 8% Resistor Tolerance, Nonvolatile Digital Potentiometer
Rev. D
More results


Similar Description - AD5111

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5258 AD-AD5258 Datasheet
1Mb / 24P
Nonvolatile, I2C-Compatible 64-Position, Digital Potentiometer
3/05-Revision 0
logo
Maxim Integrated Produc...
DS3908 MAXIM-DS3908 Datasheet
219Kb / 11P
Dual, 64-Position Nonvolatile Digital Potentiometer with Buffered Outputs
Rev 0; 4/06
logo
Analog Devices
AD5293 AD-AD5293 Datasheet
686Kb / 20P
Single-Channel, 1024-Position, 1% R-Tolerance Digital Potentiometer
REV. 0
AD5110 AD-AD5110 Datasheet
524Kb / 28P
Single-Channel, 128-/64-/32-Position, I2C, 짹8% Resistor Tolerance, Nonvolatile Digital Potentiometer
REV. 0
AD5111 AD-AD5111 Datasheet
458Kb / 24P
Single-Channel, 128-/64-/32-Position, Up/Down, 짹8% Resistor Tolerance, Nonvolatile Digital Potentiometer
REV. 0
AD5111BCPZ10-RL7 AD-AD5111BCPZ10-RL7 Datasheet
515Kb / 24P
Single-Channel, 128-/64-/32-Position, Up/Down, 짹8% Resistor Tolerance, Nonvolatile Digital Potentiometer
REV. A
AD5258BRMZ1-RL7 AD-AD5258BRMZ1-RL7 Datasheet
534Kb / 24P
Nonvolatile, I2C-Compatible 64-Position, Digital Potentiometer
REV. D
AD5233 AD-AD5233_15 Datasheet
774Kb / 32P
Nonvolatile Memory, Quad 64-Position Digital Potentiometer
REV. B
AD5258 AD-AD5258_15 Datasheet
534Kb / 24P
Nonvolatile, IC-Compatible 64-Position, Digital Potentiometer
REV. D
AD5293 AD-AD5293_16 Datasheet
741Kb / 24P
Single-Channel, 1024-Position, R-Tolerance Digital Potentiometer
3/16-Rev. D to Rev. E
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com