Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT66F03T3 Datasheet (PDF) - Holtek Semiconductor Inc

HT66F03T3 Datasheet PDF - Holtek Semiconductor Inc
Part # HT66F03T3
Download  HT66F03T3 Download
File Size   152.25 Kbytes
Page   14 Pages
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc
Description 8-Bit Flash MCU with RF Transmitter

HT66F03T3 Datasheet (PDF)

Go To PDF Page Download Datasheet
HT66F03T3 Datasheet PDF - Holtek Semiconductor Inc

Part # HT66F03T3
Download  HT66F03T3 Click to download

File Size   152.25 Kbytes
Page   14 Pages
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc
Description 8-Bit Flash MCU with RF Transmitter

HT66F03T3 Datasheet (HTML) - Holtek Semiconductor Inc


HT66F03T3 Product details

General Description

These devices provide a combination of a fully featured MCU plus an RF transmitter function, giving them great flexibility for use in wide range of wireless I/O control applications such as industrial control, consumer products, subsystem controllers, etc.



Features

MCU Features

 MCU operating voltage with RF Transmitter:

   fSYS= 8MHz: 2.2V~3.6V

   fSYS= 12MHz: 2.7V~3.6V

 Up to 0.33s instruction cycle with 12MHz system clock

 Power Down and Wake-up functions to reduce power consumption

 Five oscillators:

   External High Speed Xtal

   External 32.768kHz Xtal

   External RC

   Internal High Speed - no external components

   Internal 32kHz - no external components

 Multi-mode operation: NORMAL, SLOW, IDLE and SLEEP

 Fully integrated internal 4MHz, 8MHz and 12MHz Oscillator

 All instructions executed in one or two instruction cycles

 Table read instructions

 63 powerful instructions

 Up to 4 subroutine nesting levels

 Bit manipulation instruction

 Flash Program Memory: 1K14

 RAM Data Memory: 648

 EEPROM Memory: 648

 Watchdog Timer function

 Up to 8 bidirectional I/O lines

 External interrupt pin shared with I/O pin

 Multiple Timer Modules for time measure, input capture, compare match output, PWM output or single pulse output functions

 Comparator function

 Dual Time-Base functions for generation of fixed time interrupt signal

 Low voltage reset function

 Low voltage detect function

 Multi-channel 12-bit resolution A/D converter

 Package type: 16-pin NSOP



RF Transmitter Features

 Complete UHF ASK/OOK transmitter

 Frequency range 300MHz to 450MHz

 Data rates more than 10k bps

 Output Power up to 10dBm

 Low voltage operation - down to 2.2V

 Data tracking function for power saving

 Reference clock output for MCU IRC clock synchronisation




Similar Part No. - HT66F03T3

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT66F03 HOLTEK-HT66F03 Datasheet
1Mb / 139P
Small Package Enhanced Flash Type 8-Bit MCU with EEPROM
HT66F03 HOLTEK-HT66F03 Datasheet
2Mb / 147P
Small Package Enhanced Flash Type 8-Bit MCU with EEPROM
HT66F03C HOLTEK-HT66F03C Datasheet
1Mb / 142P
8-Pin Enhanced Flash Type 8-Bit MCU with EEPROM
HT66F03M HOLTEK-HT66F03M Datasheet
125Kb / 13P
1.5V Battery Flash Type 8-Bit MCU with EEPROM & DC-DC Converter
HT66F03 HOLTEK-HT66F03_11 Datasheet
2Mb / 147P
Small Package Enhanced Flash Type 8-Bit MCU with EEPROM
More results


Similar Description - HT66F03T3

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT46R01T3 HOLTEK-HT46R01T3 Datasheet
153Kb / 16P
8-Bit OTP MCU with RF Transmitter
HT66F016 HOLTEK-HT66F016 Datasheet
1Mb / 116P
Enhanced Flash Type 8-Bit MCU with EEPROM
HT45F12 HOLTEK-HT45F12 Datasheet
4Mb / 104P
8-Bit Flash MCU with Op Amps & Comparators
HT45F23A HOLTEK-HT45F23A Datasheet
5Mb / 148P
8-Bit Flash MCU with Op Amps & Comparators
HT45F12 HOLTEK-HT45F12_12 Datasheet
4Mb / 103P
8-Bit Flash MCU with Op Amps & Comparators
HT66F30-1 HOLTEK-HT66F30-1 Datasheet
7Mb / 196P
Enhanced Flash Type 8-Bit MCU with EEPROM
January 17, 2013
4XR01T3V130 HOLTEK-4XR01T3V130 Datasheet
153Kb / 16P
8-Bit OTP MCU with RF Transmitter
HT45F0027 HOLTEK-HT45F0027 Datasheet
5Mb / 112P
PIR 8-Bit Flash MCU
January 21, 2016
BC68F2130 HOLTEK-BC68F2130 Datasheet
8Mb / 148P
Sub-1GHz RF Transmitter Flash MCU
BC68FB540 HOLTEK-BC68FB540 Datasheet
7Mb / 200P
I/O Flash USB 8-Bit MCU with 2.4GHz RF Transceiver
More results




About Holtek Semiconductor Inc


Holtek Semiconductor Inc. is a Taiwanese semiconductor company that specializes in the design and manufacture of microcontrollers, mixed-signal integrated circuits, and other semiconductor products. The company was founded in 1998 and is headquartered in Taipei, Taiwan.

Holtek Semiconductor's products are used in a wide range of applications, including consumer electronics, home appliances, security systems, and industrial automation. The company's product portfolio includes a variety of microcontrollers, such as 8-bit, 16-bit, and 32-bit microcontrollers, as well as mixed-signal integrated circuits, such as power management ICs, motor control ICs, and LED driver ICs.

Holtek Semiconductor is committed to quality and reliability, and it has obtained various certifications, including ISO 9001 and ISO 14001. The company's manufacturing facilities use advanced production equipment and quality control processes to ensure the highest levels of product performance and reliability.

Today, Holtek Semiconductor is recognized as a leading semiconductor company in Taiwan, with a strong reputation for providing high-quality and cost-effective solutions to its customers. The company continues to invest in research and development to stay at the forefront of new technologies and applications in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com