Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT45F12 Datasheet (PDF) - Holtek Semiconductor Inc

HT45F12 Datasheet PDF - Holtek Semiconductor Inc
Part # HT45F12
Download  HT45F12 Download
File Size   4764.27 Kbytes
Page   104 Pages
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc
Description 8-Bit Flash MCU with Op Amps & Comparators

HT45F12 Datasheet (PDF)

Go To PDF Page Download Datasheet
HT45F12 Datasheet PDF - Holtek Semiconductor Inc

Part # HT45F12
Download  HT45F12 Click to download

File Size   4764.27 Kbytes
Page   104 Pages
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc
Description 8-Bit Flash MCU with Op Amps & Comparators

HT45F12 Datasheet (HTML) - Holtek Semiconductor Inc


HT45F12 Product details

General Description
The device is Flash Memory Tinypower Type 8-bit high performance RISC architecture microcontroller. Offering users the convenience of Flash Memory multi-programming features, this device also includes a wide range of functions and features. Other memory includes an area of RAM Data Memory as well as an area of EEPROM memory for storage of non-volatile data such as calibration data etc.

Features
CPU Features
• Operating voltage:
   ♦ fSYS = 910kHz: 2.2V~5.5V
   ♦ fSYS = 2MHz: 2.2V~5.5V
   ♦ fSYS = 4MHz: 2.2V~5.5V
   ♦ fSYS = 8MHz: 3.3V~5.5V
   ♦ fSYS = 12MHz: 4.5V~5.5V
• Tiny Power technology for low power operation
• Power down and wake-up functions to reduce power consumption
• Oscillator types:
   ♦ External Crystal – HXT
   ♦ External RC – ERC
   ♦ Internal RC – HIRC
   ♦ Internal 32kHz RC – LIRC
• Multi-mode operation: NORMAL, SLOW, IDLE and SLEEP
• Fully integrated internal 32kHz, 910kHz, 2MHz, 4MHz and 8MHz oscillator requires no external components
• All instructions executed in one or two instruction cycles
• Table read instructions
• 63 powerful instructions
• 4-level subroutine nesting
• Bit manipulation instruction

Peripheral Features
♦ Flash Program Memory:1K×15
♦ RAM data memory:64×8
♦ EEPROM Memory:32×8
♦ Watchdog Timer function
♦ Up to 18 bidirectional I/O lines
♦ Multiple pin-shared external interrupts
♦ Single 8-bit programmable Timer/Event Counter with overflow interrupt
♦ Dual Time-Base functions
♦ Dual Comparator functions
♦ Dual Operational Amplifiers functions
♦ PFD/Buzzer for audio frequency generation
♦ Internal 2.4V/3.3V LDO
♦ Low voltage reset function
♦ Package: 16-pin NSOP, 20-pin SSOP




Similar Part No. - HT45F12

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT45F12 HOLTEK-HT45F12_12 Datasheet
4Mb / 103P
8-Bit Flash MCU with Op Amps & Comparators
More results


Similar Description - HT45F12

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT45F23 HOLTEK-HT45F23 Datasheet
896Kb / 152P
8-Bit Flash MCU with Op Amps & Comparators
HT66F03T3 HOLTEK-HT66F03T3 Datasheet
152Kb / 14P
8-Bit Flash MCU with RF Transmitter
HT66F016 HOLTEK-HT66F016 Datasheet
1Mb / 116P
Enhanced Flash Type 8-Bit MCU with EEPROM
HT45F23A HOLTEK-HT45F23A Datasheet
5Mb / 148P
8-Bit Flash MCU with Op Amps & Comparators
HT68F016 HOLTEK-HT68F016 Datasheet
1Mb / 116P
Enhanced Flash Type 8-Bit MCU with EEPROM
May 14, 2012
logo
Analog Devices
AN-849 AD-AN-849 Datasheet
194Kb / 8P
Using Op Amps as Comparators
REV. A
logo
Holtek Semiconductor In...
HT45F12 HOLTEK-HT45F12_12 Datasheet
4Mb / 103P
8-Bit Flash MCU with Op Amps & Comparators
HT66F30-1 HOLTEK-HT66F30-1 Datasheet
7Mb / 196P
Enhanced Flash Type 8-Bit MCU with EEPROM
January 17, 2013
logo
STMicroelectronics
ST7FOXA0 STMICROELECTRONICS-ST7FOXA0 Datasheet
1Mb / 123P
8-bit MCU with single voltage Flash memory
04-Feb-2008
logo
Holtek Semiconductor In...
HT45F0027 HOLTEK-HT45F0027 Datasheet
5Mb / 112P
PIR 8-Bit Flash MCU
January 21, 2016
More results




About Holtek Semiconductor Inc


Holtek Semiconductor Inc. is a Taiwanese semiconductor company that specializes in the design and manufacture of microcontrollers, mixed-signal integrated circuits, and other semiconductor products. The company was founded in 1998 and is headquartered in Taipei, Taiwan.

Holtek Semiconductor's products are used in a wide range of applications, including consumer electronics, home appliances, security systems, and industrial automation. The company's product portfolio includes a variety of microcontrollers, such as 8-bit, 16-bit, and 32-bit microcontrollers, as well as mixed-signal integrated circuits, such as power management ICs, motor control ICs, and LED driver ICs.

Holtek Semiconductor is committed to quality and reliability, and it has obtained various certifications, including ISO 9001 and ISO 14001. The company's manufacturing facilities use advanced production equipment and quality control processes to ensure the highest levels of product performance and reliability.

Today, Holtek Semiconductor is recognized as a leading semiconductor company in Taiwan, with a strong reputation for providing high-quality and cost-effective solutions to its customers. The company continues to invest in research and development to stay at the forefront of new technologies and applications in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com