Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT16525 Datasheet (PDF) - Holtek Semiconductor Inc

HT16525 Datasheet PDF - Holtek Semiconductor Inc
Part # HT16525
Download  HT16525 Download
File Size   2212.07 Kbytes
Page   23 Pages
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc
Description 5x8 Dot Character VFD Controller & Driver

HT16525 Datasheet (PDF)

Go To PDF Page Download Datasheet
HT16525 Datasheet PDF - Holtek Semiconductor Inc

Part # HT16525
Download  HT16525 Click to download

File Size   2212.07 Kbytes
Page   23 Pages
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc
Description 5x8 Dot Character VFD Controller & Driver

HT16525 Datasheet (HTML) - Holtek Semiconductor Inc


HT16525 Product details

General Description
The HT16525 device is a dot matrix Vacuum Fluorescent Display, VFD, controller/driver which displays characters, numerics and symbols. Dot matrix VFD driving signals are received via a 3-line serial interface driven by an externally connected microcontroller. The display data is stored in the internal ROM and RAM for character and symbol display.

Feature
• Logic voltage : 2.7V~5.5V
• High voltage: 60V (max.)
• 3-line serial interface
• Alphanumeric and symbolic display using integrated ROM
• 24 x 8-bit display data RAM (DDRAM)
• Integrated 5x8 dot ROM containing 248 character set
• 8 user-defined characters stored in character data RAM (CGRAM)
• Additional symbol display data stored in 24 x 8-bit RAM (ADRAM)
• Display content: 24 columns by 1 row + 48 symbols - each column has 1 digit character with 2 symbols
• Supports display output: 40-segment & 24-grid
• Supports symbol output: 2-symbol & 24-grid
• Supports 2-pin general output port - static operation
• Fully integrated oscillator circuit
• 80-pin LQFP package

Applications
• Consumer products panel function control
• Industrial measuring instrument panel function control
• Other similar application panel function control
• Suitable for POS terminals or message displays




Similar Part No. - HT16525

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT16523 HOLTEK-HT16523 Datasheet
2Mb / 23P
5x7 Dot Character VFD Controller & Driver
HT16523-002 HOLTEK-HT16523-002 Datasheet
2Mb / 23P
5x7 Dot Character VFD Controller & Driver
HT16523-003 HOLTEK-HT16523-003 Datasheet
2Mb / 23P
5x7 Dot Character VFD Controller & Driver
HT16528 HOLTEK-HT16528 Datasheet
1Mb / 40P
Dot Character VFD Controller & Driver
HT16528-001 HOLTEK-HT16528-001 Datasheet
1Mb / 40P
Dot Character VFD Controller & Driver
More results


Similar Description - HT16525

ManufacturerPart #DatasheetDescription
logo
NEC
UPD16314 NEC-UPD16314 Datasheet
312Kb / 8P
DOT CHARACTER VFD CONTROLLER/DRIVER
logo
Sanyo Semicon Device
LC75710NE SANYO-LC75710NE Datasheet
541Kb / 20P
Dot Matrix VFD Display Controller/Driver
logo
New Japan Radio
NJU3430 NJRC-NJU3430 Datasheet
742Kb / 18P
16-CHARACTER 1-LINE DOT MATRIX VFD CONTROLLER DRIVER
logo
List of Unclassifed Man...
CU40025SCPB-W6J ETC2-CU40025SCPB-W6J Datasheet
80Kb / 1P
5X7 Dot Character VFD Module
logo
Princeton Technology Co...
PT6314 PTC-PT6314 Datasheet
1Mb / 49P
Dot Character VFD Controller/Driver IC
logo
Holtek Semiconductor In...
HT16514 HOLTEK-HT16514 Datasheet
659Kb / 39P
Dot Character VFD Controller & Driver
October 4, 2006
logo
Princeton Technology Co...
PT6314 PTC-PT6314_10 Datasheet
1Mb / 42P
Dot Character VFD Controller/Driver IC
logo
Holtek Semiconductor In...
HT16523 HOLTEK-HT16523 Datasheet
2Mb / 23P
5x7 Dot Character VFD Controller & Driver
HT16528 HOLTEK-HT16528 Datasheet
1Mb / 40P
Dot Character VFD Controller & Driver
logo
List of Unclassifed Man...
CU16025ECPB-W6J ETC2-CU16025ECPB-W6J Datasheet
64Kb / 1P
5X7 Dot Character VFD Module
More results




About Holtek Semiconductor Inc


Holtek Semiconductor Inc. is a Taiwanese semiconductor company that specializes in the design and manufacture of microcontrollers, mixed-signal integrated circuits, and other semiconductor products. The company was founded in 1998 and is headquartered in Taipei, Taiwan.

Holtek Semiconductor's products are used in a wide range of applications, including consumer electronics, home appliances, security systems, and industrial automation. The company's product portfolio includes a variety of microcontrollers, such as 8-bit, 16-bit, and 32-bit microcontrollers, as well as mixed-signal integrated circuits, such as power management ICs, motor control ICs, and LED driver ICs.

Holtek Semiconductor is committed to quality and reliability, and it has obtained various certifications, including ISO 9001 and ISO 14001. The company's manufacturing facilities use advanced production equipment and quality control processes to ensure the highest levels of product performance and reliability.

Today, Holtek Semiconductor is recognized as a leading semiconductor company in Taiwan, with a strong reputation for providing high-quality and cost-effective solutions to its customers. The company continues to invest in research and development to stay at the forefront of new technologies and applications in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com