Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PA3535 Datasheet (PDF) - Protek Devices

PA3535 Datasheet PDF - Protek Devices
Part # PA3535
Download  PA3535 Download
File Size   168.4 Kbytes
Page   9 Pages
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices
Description 0.4廓 Dual SPDT Analog Switch

PA3535 Datasheet (PDF)

Go To PDF Page Download Datasheet
PA3535 Datasheet PDF - Protek Devices

Part # PA3535
Download  PA3535 Click to download

File Size   168.4 Kbytes
Page   9 Pages
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices
Description 0.4廓 Dual SPDT Analog Switch

PA3535 Datasheet (HTML) - Protek Devices


PA3535 Product details

Description

The PA3535/PA3536 are 0..4Ω dual SPDT analog switches designed for low voltage applications.

The PA3535/PA3536 has on-resistance matching (less than 0.05Ω @ 2.7 V) and flatness (less than 0.2Ω @ 2.7 V) that is guaranteed, over the entire voltage range. Additionally, low logic thresholds make the PA3535/PA3536 an ideal interface to low voltage DSP control signals.



Features

• Low Voltage Operation

• Low On-Resistance Ron = 0.4Ω @ 2.7 V

• −69 dB OIRR @ 2.7 V, 100 kHz MSOP-10 and DFN-10 Packages ESD Protection >2000 V

• Latch-Up Current >300 mA (JESD 78)



Applications

• Cellular Phones

• Speaker Headset Switching Audio

• Video Signal Routing

• PCMCIA Cards

• Battery Operated Systems

• Relay Replacement

• USB1.1



Benefits

• Reduced Power Consumption

• High Accuracy

• Reduce Board Space

• 1.8-V Logic Compatible

• High Bandwidth



 




Similar Part No. - PA3535

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PA35-13 ETC2-PA35-13 Datasheet
1Mb / 12P
Client Side Antennas
logo
Laird Tech Smart Techno...
PA35-13 LSTD-PA35-13 Datasheet
1Mb / 2P
Pole mount or surface mount
logo
List of Unclassifed Man...
PA350 ETC-PA350 Datasheet
352Kb / 1P
RISING CLAMP TERMINAL BLOCK
logo
Pulse A Technitrol Comp...
PA3519NL PULSE-PA3519NL Datasheet
2Mb / 14P
High Frequency Wire Wound Transformers
PA3519NL PULSE-PA3519NL Datasheet
2Mb / 10P
HIGH FREQUENCY WIRE WOUND TRANSFORMERS
12/17
More results


Similar Description - PA3535

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI3A3160 PERICOM-PI3A3160 Datasheet
523Kb / 8P
3.0V, SOTiny??0.4??Dual SPDT Analog Switch
logo
Fairchild Semiconductor
FSA2268_0703 FAIRCHILD-FSA2268_0703 Datasheet
95Kb / 2P
Low-Voltage Dual-SPDT (0.4廓) Analog Switch with 16kV ESD
FSA5157 FAIRCHILD-FSA5157_07 Datasheet
479Kb / 14P
0.4廓 Low Voltage SPDT Analog Switch
logo
ON Semiconductor
NLAS52231 ONSEMI-NLAS52231 Datasheet
149Kb / 9P
Ultra-Low 0.4廓 Dual SPDT Analog Switch with Overshoot
September, 2007 - Rev. 1
logo
SG Micro Corp
SGM2268 SGMICRO-SGM2268 Datasheet
403Kb / 10P
0.4廓 Ultra Low ON-Resistance, Dual, SPDT Analog Switch
SGM4684 SGMICRO-SGM4684 Datasheet
267Kb / 10P
Chip Scale Packaging, Low-Voltage 0.4廓, Dual, SPDT Analog Switch
logo
Fairchild Semiconductor
FSA2268 FAIRCHILD-FSA2268_08 Datasheet
728Kb / 2P
Low-Voltage Dual-SPDT (0.4廓) Analog Switch with 16kV ESD
FSA5157 FAIRCHILD-FSA5157_08 Datasheet
548Kb / 12P
0.4廓 Low-Voltage SPDT Analog Switch
logo
Union Semiconductor, In...
UM2268 UNIONSEMI-UM2268 Datasheet
658Kb / 11P
0.4廓 Ultra Low ON-Resistance, Dual, SPDT Analog Switch
logo
Texas Instruments
TS5A23157-Q1 TI1-TS5A23157-Q1_14 Datasheet
784Kb / 21P
DUAL 15-廓 SPDT ANALOG SWITCH
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com