Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PA3535 Datasheet(PDF) 2 Page - Protek Devices

Part # PA3535
Description  0.4廓 Dual SPDT Analog Switch
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

PA3535 Datasheet(HTML) 2 Page - Protek Devices

  PA3535 Datasheet HTML 1Page - Protek Devices PA3535 Datasheet HTML 2Page - Protek Devices PA3535 Datasheet HTML 3Page - Protek Devices PA3535 Datasheet HTML 4Page - Protek Devices PA3535 Datasheet HTML 5Page - Protek Devices PA3535 Datasheet HTML 6Page - Protek Devices PA3535 Datasheet HTML 7Page - Protek Devices PA3535 Datasheet HTML 8Page - Protek Devices PA3535 Datasheet HTML 9Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
0.4Ω Dual SPDT Analog Switch
PA3535/3536
ANALOG PRODUCTS DIVISION
561 E. Elliot Road #175 Chandler, AZ 85225 Tel: (480) 539-2900. Fax: (602) 431-2288
www.protekanalog.com
44
95070 Rev.3. 03/09
NOT FOR USE IN LIFE SUPPORT SYSTEMS
Absolute Maximum Ratings
Reference to Ground
V+……………………………………………….-0.3 to +6.0V
IN, COM, NC, NO…………………….....-0.3 to (V+ +0.3V)
Continuous Current (NO, NC, COM)………….…...300mA
Peak Current………………………………………….500mA
(Pulsed at 1mS, 10% Duty Cycle)
Storage Temperature (D Suffix)………………-65 to 150°C
ESD per Method 3015.7………………………………> 2KV
Power Dissipation………………………………457mWATT
Recommended Operating Conditions
Supply Voltage Operating (VCC) . . . . . . . ..1.65V to 5.5V
Control Input Voltage (VIN) . . . . . . . . . . . . . . .0V to VCC
Switch Input Voltage (VIN) . . . . . . . . . . . . . . . .0V to VCC
Output Voltage (VOUT) . . . . . . . . . . . . . . . . . . 0V to VCC
Operating Temperature (TA) . . . . . . . . . . .–40°C to +85°C
Input Rise and Fall Time (tr,tf)
Control Input VCC = 2.3V - 3.6V. . . . . . 0ns/V to 10ns/V
Control Input VCC = 4.5V - 5.5V. . . . . . . 0ns/V to 5ns/V
Thermal Resistance (ΘJA) . . . . . . . . . . . . . . 350°C/W
NOTES
a. Signals on NC, NO, or COM or IN exceeding V+ will be clamped by internal diodes. Limit forward diode current to maximum current ratings.
b. All leads soldered to PC Board.
c. Derate 5.7 mW/ °C above 70 °C
Stresses beyond those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com