Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LB1948MC Datasheet (PDF) - Sanyo Semicon Device

LB1948MC Datasheet PDF - Sanyo Semicon Device
Part # LB1948MC
Download  LB1948MC Download
File Size   173.71 Kbytes
Page   6 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description Monolithic Digtal IC 12V Low Saturation Voltage Drive Forward/Reverse Motor Driver

LB1948MC Datasheet (PDF)

Go To PDF Page Download Datasheet
LB1948MC Datasheet PDF - Sanyo Semicon Device

Part # LB1948MC
Download  LB1948MC Click to download

File Size   173.71 Kbytes
Page   6 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description Monolithic Digtal IC 12V Low Saturation Voltage Drive Forward/Reverse Motor Driver

LB1948MC Datasheet (HTML) - Sanyo Semicon Device


LB1948MC Product details

Overview

The LB1948MC is a two-channel low saturation voltage forward/reverse motor driver IC. It is optimal for motor drive in 12V system products and can drive either two DC motors, one DC motor using parallel connection, or a two-phase bipolar stepping motor with 1-2 phase excitation mode drive.



Features

•Supports 12V power supply systems

•Low saturation voltage: VO(sat) = 0.5V (typical) at IO= 400mA

•Zero current drawn in standby mode

•Braking function

•Supports parallel connection: IOmax = 1.6A, VO(sat) = 0.6V (typical) at IO= 800mA

•Built-in spark killer diode

•Built-in thermal shutdown circuit

•Miniature package: MFP-10S (6.4mm ×5.0mm)




Similar Part No. - LB1948MC

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LB1948MC ONSEMI-LB1948MC Datasheet
132Kb / 6P
12V Low Saturation Voltage Drive Forward/Reverse Motor Driver
June, 2013
LB1948MC ONSEMI-LB1948MC Datasheet
286Kb / 8P
Motor Driver, Forward/Reverse Low Saturation Voltage Drive
August 2016- Rev. 1
LB1948MC-AH ONSEMI-LB1948MC-AH Datasheet
132Kb / 6P
12V Low Saturation Voltage Drive Forward/Reverse Motor Driver
June, 2013
LB1948MC-AH ONSEMI-LB1948MC-AH Datasheet
286Kb / 8P
Motor Driver, Forward/Reverse Low Saturation Voltage Drive
August 2016- Rev. 1
LB1948MC-BH ONSEMI-LB1948MC-BH Datasheet
286Kb / 8P
Motor Driver, Forward/Reverse Low Saturation Voltage Drive
August 2016- Rev. 1
More results


Similar Description - LB1948MC

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB1634M SANYO-LB1634M Datasheet
86Kb / 5P
Low-Voltage, Low-Saturation Forward/Reverse Motor Driver
LB1948M SANYO-LB1948M Datasheet
60Kb / 6P
Low saturation voltage drive forward/reverse 12 V motor driver
LB1933M SANYO-LB1933M Datasheet
56Kb / 5P
Low-saturation Forward/Reverse Motor Drive
LV8548M SANYO-LV8548M Datasheet
191Kb / 6P
12V Low Saturation Voltage Drive Forward/Reverse Motor Driver
LB1938FA SANYO-LB1938FA Datasheet
115Kb / 5P
Monolithic Digital IC 1ch, Low-saturation Forward/Reverse Motor Driver
LV8548MC SANYO-LV8548MC Datasheet
170Kb / 6P
Bi-CMOS integrated circuit 12V Low Saturation Voltage Drive Forward/Reverse Motor Driver
logo
ON Semiconductor
LV8548MC-AH ONSEMI-LV8548MC-AH Datasheet
128Kb / 6P
12V Low Saturation Voltage Drive Forward/Reverse Motor Driver
June, 2013
LB1948MC-AH ONSEMI-LB1948MC-AH Datasheet
132Kb / 6P
12V Low Saturation Voltage Drive Forward/Reverse Motor Driver
June, 2013
LB1948MC ONSEMI-LB1948MC Datasheet
286Kb / 8P
Motor Driver, Forward/Reverse Low Saturation Voltage Drive
August 2016- Rev. 1
LV8548MC ONSEMI-LV8548MC Datasheet
317Kb / 12P
Motor Driver, Forward/Reverse, Low Saturation Voltage
August 2015- Rev. 4
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com