Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1N4765A Datasheet (PDF) - New Jersey Semi-Conductor Products, Inc.

1N4765A Datasheet PDF - New Jersey Semi-Conductor Products, Inc.
Part # 1N4765A
Download  1N4765A Download
File Size   118.67 Kbytes
Page   1 Pages
Manufacturer  NJSEMI [New Jersey Semi-Conductor Products, Inc.]
Direct Link  http://www.njsemi.com
Logo NJSEMI - New Jersey Semi-Conductor Products, Inc.
Description 9.1 VOLT TEMPERATURE COMPENSATED ZENER REFERENCE DIODES

1N4765A Datasheet (PDF)

Go To PDF Page Download Datasheet
1N4765A Datasheet PDF - New Jersey Semi-Conductor Products, Inc.

Part # 1N4765A
Download  1N4765A Click to download

File Size   118.67 Kbytes
Page   1 Pages
Manufacturer  NJSEMI [New Jersey Semi-Conductor Products, Inc.]
Direct Link  http://www.njsemi.com
Logo NJSEMI - New Jersey Semi-Conductor Products, Inc.
Description 9.1 VOLT TEMPERATURE COMPENSATED ZENER REFERENCE DIODES

1N4765A Datasheet (HTML) - New Jersey Semi-Conductor Products, Inc.


1N4765A Product details

FEATURES
• ZENER VOLTAGE 9.1V
• TEMPERATURE COEFFICIENT RANGE: 0.01%/°C to 0.0005%/°C




Similar Part No. - 1N4765A

ManufacturerPart #DatasheetDescription
logo
Compensated Deuices Inc...
1N4765A CDI-DIODE-1N4765A Datasheet
112Kb / 2P
9.1 VOLT NOMINAL ZENER VOLTAGE 5%
logo
Microsemi Corporation
1N4765A MICROSEMI-1N4765A Datasheet
49Kb / 2P
9.1 VOLT TEMPERATURE COMPENSATED ZENER REFERENCE DIODES
logo
Digitron Semiconductors
1N4765A DIGITRON-1N4765A Datasheet
174Kb / 3P
9.1V TEMPERATURE COMPENSATED ZENER DIODE
logo
Dongguan City Niuhang E...
1N4765A NIUHANG-1N4765A Datasheet
354Kb / 3P
PLASTIC-ENCAPSULATE ZENER DIODE
More results


Similar Description - 1N4765A

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
1N3154 MICROSEMI-1N3154 Datasheet
72Kb / 2P
8.4 VOLT TEMPERATURE COMPENSATED ZENER REFERENCE DIODES
1N4564 MICROSEMI-1N4564 Datasheet
82Kb / 2P
6.4 VOLT TEMPERATURE COMPENSATED ZENER REFERENCE DIODES
1N4765 MICROSEMI-1N4765 Datasheet
49Kb / 2P
9.1 VOLT TEMPERATURE COMPENSATED ZENER REFERENCE DIODES
1N935 MICROSEMI-1N935 Datasheet
76Kb / 2P
9.0 VOLT TEMPERATURE COMPENSATED ZENER REFERENCE DIODES
1N4584 MICROSEMI-1N4584 Datasheet
246Kb / 4P
6.4 Volt Temperature Compensated Zener Reference Diodes
1N3154 MICROSEMI-1N3154_1 Datasheet
137Kb / 3P
8.4 Volt Temperature Compensated Zener Reference Diodes
logo
New Jersey Semi-Conduct...
1N941 NJSEMI-1N941 Datasheet
134Kb / 1P
11.7 VOLT TEMPERATURE COMPENSATED ZENER REFERENCE DIODES
logo
Digitron Semiconductors
1N941 DIGITRON-1N941 Datasheet
230Kb / 2P
11.7 VOLT TEMPERATURE COMPENSATED ZENER REFERENCE DIODES
1N935 DIGITRON-1N935 Datasheet
96Kb / 2P
9.0 VOLT TEMPERATURE COMPENSATED ZENER REFERENCE DIODES
logo
Microsemi Corporation
1N941UR-1 MICROSEMI-1N941UR-1 Datasheet
241Kb / 6P
11.7 Volt Temperature Compensated Zener Reference Diodes
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com