Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NE5820M53 Datasheet (PDF) - Renesas Technology Corp

NE5820M53 Datasheet PDF - Renesas Technology Corp
Part # NE5820M53
Download  NE5820M53 Download
File Size   182.9 Kbytes
Page   8 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description P-channel MOS Field Effect Transistor for Impedance Converter of Microphone

NE5820M53 Datasheet (PDF)

Go To PDF Page Download Datasheet
NE5820M53 Datasheet PDF - Renesas Technology Corp

Part # NE5820M53
Download  NE5820M53 Click to download

File Size   182.9 Kbytes
Page   8 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description P-channel MOS Field Effect Transistor for Impedance Converter of Microphone

NE5820M53 Datasheet (HTML) - Renesas Technology Corp


NE5820M53 Product details

DESCRIPTION
The NE5820M53 is a P-channel silicon MOSFET designed for use as impedance converter for microphone.
The package is a 3-pin thin-type lead-less minimold, suitable for high-density surface mounting.

FEATURES
• Low noise : NV = −114 dBV TYP. @VDD = 2.0 V, Cin = 3 pF, RL = 15 kΩ
• Low input capacitance : Ciss = 1.5 pF TYP. @VDD = 2.0 V, RL = 15 kΩ
• Low consumption current : IDD = 85 μATYP. @VDD = 2.0 V, RL = 15 kΩ
• High-density surface mounting : 3-pin thin-type lead-less minimold (1.2 × 1.0 × 0.33 mm)
• Built-in the capacitor for RF noise immunity
• High ESD voltage

APPLICATIONS
• Microphone, Sensor etc.




Similar Part No. - NE5820M53

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
NE5820M53 CEL-NE5820M53 Datasheet
1Mb / 8P
P-channel MOS Field Effect Transistor for Impedance Converter of Microphone
NE5820M53-T1 CEL-NE5820M53-T1 Datasheet
1Mb / 8P
P-channel MOS Field Effect Transistor for Impedance Converter of Microphone
NE5820M53-T1-A CEL-NE5820M53-T1-A Datasheet
1Mb / 8P
P-channel MOS Field Effect Transistor for Impedance Converter of Microphone
logo
Renesas Technology Corp
NE5820M53 RENESAS-NE5820M53_15 Datasheet
194Kb / 8P
P-channel MOS Field Effect Transistor for Impedance Converter of Microphone
More results


Similar Description - NE5820M53

ManufacturerPart #DatasheetDescription
logo
NEC
2SK2552B NEC-2SK2552B Datasheet
124Kb / 5P
N-CHANNEL SILICON JUNCTION FIELD EFFECT TRANSISTOR FOR IMPEDANCE CONVERTER OF ECM
2SK3230B NEC-2SK3230B Datasheet
123Kb / 5P
N-CHANNEL SILICON JUNCTION FIELD EFFECT TRANSISTOR FOR IMPEDANCE CONVERTER OF ECM
2SK3717 NEC-2SK3717 Datasheet
43Kb / 4P
N-CHANNEL SILICON JUNCTION FIELD EFFECT TRANSISTOR FOR IMPEDANCE CONVERTER OF ECM
2SK3719 NEC-2SK3719 Datasheet
116Kb / 5P
N-CHANNEL SILICON JUNCTION FIELD EFFECT TRANSISTOR FOR IMPEDANCE CONVERTER OF ECM
2SK3782 NEC-2SK3782 Datasheet
111Kb / 5P
N-CHANNEL SILICON JUNCTION FIELD EFFECT TRANSISTOR FOR IMPEDANCE CONVERTER OF ECM
2SK3783 NEC-2SK3783 Datasheet
111Kb / 5P
N-CHANNEL SILICON JUNCTION FIELD EFFECT TRANSISTOR FOR IMPEDANCE CONVERTER OF ECM
2SK3230 NEC-2SK3230 Datasheet
50Kb / 8P
N-CHANNEL SILICON JUNCTION FIELD EFFECT TRANSISTOR FOR IMPEDANCE CONVERTER OF ECM
logo
California Eastern Labs
NE5820M53 CEL-NE5820M53 Datasheet
1Mb / 8P
P-channel MOS Field Effect Transistor for Impedance Converter of Microphone
logo
Renesas Technology Corp
NE5820M53 RENESAS-NE5820M53_15 Datasheet
194Kb / 8P
P-channel MOS Field Effect Transistor for Impedance Converter of Microphone
2SK2552 RENESAS-2SK2552 Datasheet
120Kb / 6P
N-CHANNEL SILICON JUNCTION FIELD EFFECT TRANSISTOR FOR IMPEDANCE CONVERTER OF ECM
November 2004
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com