Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NX6342EP Datasheet (PDF) - Renesas Technology Corp

NX6342EP Datasheet PDF - Renesas Technology Corp
Part # NX6342EP
Download  NX6342EP Download
File Size   202.04 Kbytes
Page   7 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description LASER DIODE 1 310 nm AlGaInAs MQW-DFB LASER DIODE FOR 10 Gb/s BASE-LR/LW APPLICATION

NX6342EP Datasheet (PDF)

Go To PDF Page Download Datasheet
NX6342EP Datasheet PDF - Renesas Technology Corp

Part # NX6342EP
Download  NX6342EP Click to download

File Size   202.04 Kbytes
Page   7 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description LASER DIODE 1 310 nm AlGaInAs MQW-DFB LASER DIODE FOR 10 Gb/s BASE-LR/LW APPLICATION

NX6342EP Datasheet (HTML) - Renesas Technology Corp


NX6342EP Product details

DESCRIPTION
The NX6342EP is a 1 310 nm Multiple Quantum Well (MQW) structured Distributed Feed-Back (DFB) laser diode with InGaAs monitor PIN-PD.

FEATURES
• Optical output power PO = 8.5 mW
• Low threshold current Ith = 8 mA
• Differential efficiency ηd = 0.23 W/A
• Wide operating temperature range TC = −5 to +85°C
• InGaAs monitor PIN-PD
• CAN package φ 5.6 mm
• Focal point 6.0 mm

APPLICATIONS
• 10 Gb/s BASE-LR/LW (IEEE802.3ae)




Similar Part No. - NX6342EP

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
NX6342EP CEL-NX6342EP Datasheet
899Kb / 6P
1 310 nm AlGaInAs MQW-DFB LASER DIODE FOR 10 Gb/s BASE-LR/LW APPLICATION
NX6342EP-AZ CEL-NX6342EP-AZ Datasheet
899Kb / 6P
1 310 nm AlGaInAs MQW-DFB LASER DIODE FOR 10 Gb/s BASE-LR/LW APPLICATION
logo
Renesas Technology Corp
NX6342EP RENESAS-NX6342EP_15 Datasheet
194Kb / 7P
LASER DIODE 1 310 nm AlGaInAs MQW-DFB LASER DIODE FOR 10 Gb/s BASE-LR/LW APPLICATION
More results


Similar Description - NX6342EP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
NX8346TS RENESAS-NX8346TS Datasheet
172Kb / 9P
LASER DIODE 1 310 nm AlGaInAs MQW-DFB LASER DIODE FOR 10 Gb/s APPLICATION
NX8369TB RENESAS-NX8369TB Datasheet
213Kb / 9P
LASER DIODE 1 310 nm AlGaInAs MQW-DFB LASER DIODE FOR 10 Gb/s APPLICATION
NX8349TB RENESAS-NX8349TB Datasheet
211Kb / 9P
LASER DIODE 1 310 nm AlGaInAs MQW-DFB LASER DIODE FOR 10 Gb/s APPLICATION
logo
California Eastern Labs
NX8369TB CEL-NX8369TB Datasheet
214Kb / 9P
LASER DIODE 1 310 nm AlGaInAs MQW-DFB LASER DIODE FOR 10 Gb/s APPLICATION
NX6342EP CEL-NX6342EP Datasheet
899Kb / 6P
1 310 nm AlGaInAs MQW-DFB LASER DIODE FOR 10 Gb/s BASE-LR/LW APPLICATION
logo
Renesas Technology Corp
NX8349YK RENESAS-NX8349YK_15 Datasheet
253Kb / 9P
LASER DIODE 1 310 nm AlGaInAs MQW-DFB LASER DIODE FOR 10 Gb/s APPLICATION
NX6342EP RENESAS-NX6342EP_15 Datasheet
194Kb / 7P
LASER DIODE 1 310 nm AlGaInAs MQW-DFB LASER DIODE FOR 10 Gb/s BASE-LR/LW APPLICATION
NX8346TS RENESAS-NX8346TS_15 Datasheet
164Kb / 9P
LASER DIODE 1 310 nm AlGaInAs MQW-DFB LASER DIODE FOR 10 Gb/s APPLICATION
NX8349TB RENESAS-NX8349TB_15 Datasheet
204Kb / 9P
LASER DIODE 1 310 nm AlGaInAs MQW-DFB LASER DIODE FOR 10 Gb/s APPLICATION
logo
California Eastern Labs
NX8349TS CEL-NX8349TS_16 Datasheet
705Kb / 9P
LASER DIODE 1 310 nm AlGaInAs MQW-DFB LASER DIODE FOR 10 Gb/s APPLICATION
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com