Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C515 Datasheet (PDF) - Siemens Semiconductor Group

C515 Datasheet PDF - Siemens Semiconductor Group
Part # C515
Download  C515 Download
File Size   268.72 Kbytes
Page   55 Pages
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group
Description 8-Bit CMOS Microcontroller

C515 Datasheet (PDF)

Go To PDF Page Download Datasheet
C515 Datasheet PDF - Siemens Semiconductor Group

Part # C515
Download  C515 Click to download

File Size   268.72 Kbytes
Page   55 Pages
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group
Description 8-Bit CMOS Microcontroller

C515 Datasheet (HTML) - Siemens Semiconductor Group


C515 Product details

The C515 is an upward compatible version of the SAB 80C515A 8-bit microcontroller which additionally provides ALE switch-off capability, on-chip emulation support, ROM protection, and slow down mode capability. With a maximum external clock rate of 24 MHz it achieves a 500 ns instruction cycle time (1 µs at 12 MHz). The C515 is mounted in a P-MQFP-80 package.



• Full upward compatibility with SAB 80C515

• Up to 24 MHz external operating frequency

– 500ns instruction cycle at 24 MHz operation

• 8K byte on-chip ROM (with optional ROM protection)

– alternatively up to 64K byte external program memory

• Up to 64K byte external data memory

• 256 byte on-chip RAM

• Six 8-bit parallel I/O ports

• One input port for analog/digital input

• Full duplex serial interface (USART)

– 4 operating modes, fixed or variable baud rates

• Three 16-bit timer/counters

– Timer 0 / 1 (C501 compatible)

– Timer 2 for 16-bit reload, compare, or capture functions

• 8-bit A/D converter

– 8 multiplexed analog inputs

– Programmable reference voltages

• 16-bit watchdog timer

• Power saving modes

– Idle mode

– Slow down mode (can be combined with idle mode)

– Software power-down mode

• 12 interrupt sources (7 external, 5 internal) selectable at four priority levels

• On-chip emulation support logic (Enhanced Hooks Technology TM)

• ALE switch-off capability

• P-MQFP-80-1 package

• Temperature Ranges : SAB-C515 TA = 0 to 70 °C

                               SAF-C515 TA = -40 to 85 °C

                               SAH-C515 TA = -40 to 110 °C (max. operating frequency: 16 MHz)




Similar Part No. - C515

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
C515 INFINEON-C515 Datasheet
268Kb / 55P
8-Bit CMOS Microcontroller
1997-08-01
logo
Siemens Semiconductor G...
C515 SIEMENS-C515 Datasheet
911Kb / 160P
8-Bit CMOS Microcontroller
logo
Cooper Bussmann, Inc.
C515 COOPER-C515 Datasheet
448Kb / 14P
PCB & Small Dimension Fuses
logo
Eaton All Rights Reserv...
C515 EATON-C515 Datasheet
216Kb / 2P
5 mm x 15 mm Axial-leaded, time-delay, glass tube fuses
logo
Cooper Bussmann, Inc.
C515-1-R COOPER-C515-1-R Datasheet
253Kb / 2P
5 x 15mm Axial-Leaded, Time-Delay, Glass Tube Fuses
More results


Similar Description - C515

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TMP88CP77F TOSHIBA-TMP88CP77F Datasheet
627Kb / 12P
CMOS 8-BIT Microcontroller
TMP86PM47AUG TOSHIBA-TMP86PM47AUG Datasheet
755Kb / 14P
CMOS 8-Bit Microcontroller
TMP86PM47U TOSHIBA-TMP86PM47U Datasheet
738Kb / 14P
CMOS 8-Bit Microcontroller
TMP87PM53F TOSHIBA-TMP87PM53F Datasheet
589Kb / 16P
CMOS 8-BIT MICROCONTROLLER
TMP87PS68DF TOSHIBA-TMP87PS68DF Datasheet
569Kb / 16P
CMOS 8-BIT MICROCONTROLLER
TMP88CU74F TOSHIBA-TMP88CU74F Datasheet
1Mb / 132P
CMOS 8-BIT MICROCONTROLLER
TMP87C409BNG TOSHIBA-TMP87C409BNG Datasheet
4Mb / 89P
CMOS 8-BIT MICROCONTROLLER
TMP86FH47UG TOSHIBA-TMP86FH47UG Datasheet
438Kb / 34P
CMOS 8-BIT MICROCONTROLLER
TMP86FS27FG TOSHIBA-TMP86FS27FG Datasheet
399Kb / 32P
CMOS 8-BIT MICROCONTROLLER
logo
Siemens Semiconductor G...
C515C_9711 SIEMENS-C515C_9711 Datasheet
1Mb / 268P
8-Bit CMOS Microcontroller
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com