Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C515 Datasheet (PDF) - Infineon Technologies AG

C515 Datasheet PDF - Infineon Technologies AG
Part # C515
Download  C515 Download
File Size   268.72 Kbytes
Page   55 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description 8-Bit CMOS Microcontroller

C515 Datasheet (PDF)

Go To PDF Page Download Datasheet
C515 Datasheet PDF - Infineon Technologies AG

Part # C515
Download  C515 Click to download

File Size   268.72 Kbytes
Page   55 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description 8-Bit CMOS Microcontroller

C515 Datasheet (HTML) - Infineon Technologies AG


C515 Product details

The C515 is an upward compatible version of the SAB 80C515A 8-bit microcontroller which additionally provides ALE switch-off capability, on-chip emulation support, ROM protection, and slow down mode capability. With a maximum external clock rate of 24 MHz it achieves a 500 ns instruction cycle time (1 µs at 12 MHz). The C515 is mounted in a P-MQFP-80 package.



• Full upward compatibility with SAB 80C515

• Up to 24 MHz external operating frequency

– 500ns instruction cycle at 24 MHz operation

• 8K byte on-chip ROM (with optional ROM protection)

– alternatively up to 64K byte external program memory

• Up to 64K byte external data memory

• 256 byte on-chip RAM

• Six 8-bit parallel I/O ports

• One input port for analog/digital input

• Full duplex serial interface (USART)

– 4 operating modes, fixed or variable baud rates

• Three 16-bit timer/counters

– Timer 0 / 1 (C501 compatible)

– Timer 2 for 16-bit reload, compare, or capture functions

• 8-bit A/D converter

– 8 multiplexed analog inputs

– Programmable reference voltages

• 16-bit watchdog timer

• Power saving modes

– Idle mode

– Slow down mode (can be combined with idle mode)

– Software power-down mode

• 12 interrupt sources (7 external, 5 internal) selectable at four priority levels

• On-chip emulation support logic (Enhanced Hooks Technology TM)

• ALE switch-off capability

• P-MQFP-80-1 package

• Temperature Ranges : SAB-C515 TA = 0 to 70 °C

                               SAF-C515 TA = -40 to 85 °C

                               SAH-C515 TA = -40 to 110 °C (max. operating frequency: 16 MHz)




Similar Part No. - C515

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
C515 SIEMENS-C515 Datasheet
268Kb / 55P
8-Bit CMOS Microcontroller
C515 SIEMENS-C515 Datasheet
911Kb / 160P
8-Bit CMOS Microcontroller
logo
Cooper Bussmann, Inc.
C515 COOPER-C515 Datasheet
448Kb / 14P
PCB & Small Dimension Fuses
logo
Eaton All Rights Reserv...
C515 EATON-C515 Datasheet
216Kb / 2P
5 mm x 15 mm Axial-leaded, time-delay, glass tube fuses
logo
Cooper Bussmann, Inc.
C515-1-R COOPER-C515-1-R Datasheet
253Kb / 2P
5 x 15mm Axial-Leaded, Time-Delay, Glass Tube Fuses
More results


Similar Description - C515

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TMP88CP77F TOSHIBA-TMP88CP77F Datasheet
627Kb / 12P
CMOS 8-BIT Microcontroller
TMP86PM47AUG TOSHIBA-TMP86PM47AUG Datasheet
755Kb / 14P
CMOS 8-Bit Microcontroller
TMP86PM47U TOSHIBA-TMP86PM47U Datasheet
738Kb / 14P
CMOS 8-Bit Microcontroller
TMP87PM53F TOSHIBA-TMP87PM53F Datasheet
589Kb / 16P
CMOS 8-BIT MICROCONTROLLER
TMP87PS68DF TOSHIBA-TMP87PS68DF Datasheet
569Kb / 16P
CMOS 8-BIT MICROCONTROLLER
TMP88CU74F TOSHIBA-TMP88CU74F Datasheet
1Mb / 132P
CMOS 8-BIT MICROCONTROLLER
TMP87C409BNG TOSHIBA-TMP87C409BNG Datasheet
4Mb / 89P
CMOS 8-BIT MICROCONTROLLER
TMP86FH47UG TOSHIBA-TMP86FH47UG Datasheet
438Kb / 34P
CMOS 8-BIT MICROCONTROLLER
TMP86FS27FG TOSHIBA-TMP86FS27FG Datasheet
399Kb / 32P
CMOS 8-BIT MICROCONTROLLER
logo
Siemens Semiconductor G...
C515C_9711 SIEMENS-C515C_9711 Datasheet
1Mb / 268P
8-Bit CMOS Microcontroller
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com