Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C515C Datasheet (PDF) - Siemens Semiconductor Group

C515C Datasheet PDF - Siemens Semiconductor Group
Part # C515C
Download  C515C Download
File Size   1124.46 Kbytes
Page   69 Pages
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group
Description 8-Bit CMOS Microcontroller

C515C Datasheet (PDF)

Go To PDF Page Download Datasheet
C515C Datasheet PDF - Siemens Semiconductor Group

Part # C515C
Download  C515C Click to download

File Size   1124.46 Kbytes
Page   69 Pages
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group
Description 8-Bit CMOS Microcontroller

C515C Datasheet (HTML) - Siemens Semiconductor Group


C515C Product details

8-Bit CMOS Microcontroller

The C515C is an enhanced, upgraded version of the SAB 80C515A 8-bit microcontroller which additionally provides a full CAN interface, a SPI compatible synchronous serial interface, extended power save provisions, additional on-chip RAM, 64K of on-chip program memory, two new external interrupts and RFI related improvements. With a maximum external clock rate of 10 MHz it achieves a 600 ns instruction cycle time (1 µs at 6 MHz). The C515C is mounted in a P-MQFP-80 package.

Advance Information
• Full upward compatibility with SAB 80C515A
• 64k byte on-chip ROM (external program execution is possible)
• 256 byte on-chip RAM
• 2K byte of on-chip XRAM
• Up to 64K byte external data memory
• Superset of the 8051 architecture with 8 datapointers
• Up to 10 MHz external operating frequency (1 µs instruction cycle time at 6 MHz external clock)
• On-chip emulation support logic (Enhanced Hooks Technology TM)
• Current optimized oscillator circuit and EMI optimized design
• Eight ports : 48+1 digital I/O lines, 8 analog inputs
   – Quasi-bidirectional port structure (8051 compatible)
   – Port 5 selectable for bidirectional port structure (CMOS voltage levels)
• Full-CAN controller on-chip
   – 256 register/data bytes are located in external data memory area
   – max.1 MBaud at 8-10 MHz operating frequency
• Three 16-bit timer/counters
   – Timer 2 can be used for compare/capture functions
• 10-bit A/D converter with multiplexed inputs and built-in self calibration
• Full duplex serial interface with programmable baudrate generator (USART)
• SSC synchronous serial interface (SPI compatible)
   – Master and slave capable
   – Programmable clock polarity / clock-edge to data phase relation
   – LSB/MSB first selectable
   – 2.5 MHz transfer rate at 10 MHz operating frequency
• Seventeen interrupt vectors, at four priority levels selectable
• Extended watchdog facilities
   – 15-bit programmable watchdog timer
   – Oscillator watchdog
• Power saving modes
   – Slow-down mode
   – Idle mode (can be combined with slow-down mode)
   – Software power-down mode with wake-up capability through INT0 pin
   – Hardware power-down mode
• CPU running condition output pin
• ALE can be switched off
• Multiple separate VCC/VSS pin pairs
• P-MQFP-80-1 package
• Temperature Ranges : SAB-C515C-8R TA = 0 to 70 °C
                                        SAF-C515C-8R TA = -40 to 85 °C
                                        SAH-C515C-8R TA = -40 to 110 °C




Similar Part No. - C515C

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
C515C INFINEON-C515C Datasheet
1Mb / 96P
8-Bit Single-Chip Microcontroller
Feb. 2003
logo
Siemens Semiconductor G...
C515C SIEMENS-C515C Datasheet
1Mb / 268P
8-Bit CMOS Microcontroller
C515C-8E SIEMENS-C515C-8E Datasheet
1Mb / 268P
8-Bit CMOS Microcontroller
logo
Infineon Technologies A...
C515C-8EM INFINEON-C515C-8EM Datasheet
1Mb / 96P
8-Bit Single-Chip Microcontroller
Feb. 2003
logo
Siemens Semiconductor G...
C515C-8R SIEMENS-C515C-8R Datasheet
1Mb / 268P
8-Bit CMOS Microcontroller
More results


Similar Description - C515C

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TMP88CP77F TOSHIBA-TMP88CP77F Datasheet
627Kb / 12P
CMOS 8-BIT Microcontroller
TMP86PM47AUG TOSHIBA-TMP86PM47AUG Datasheet
755Kb / 14P
CMOS 8-Bit Microcontroller
TMP86PM47U TOSHIBA-TMP86PM47U Datasheet
738Kb / 14P
CMOS 8-Bit Microcontroller
TMP87PM53F TOSHIBA-TMP87PM53F Datasheet
589Kb / 16P
CMOS 8-BIT MICROCONTROLLER
TMP87PS68DF TOSHIBA-TMP87PS68DF Datasheet
569Kb / 16P
CMOS 8-BIT MICROCONTROLLER
TMP88CU74F TOSHIBA-TMP88CU74F Datasheet
1Mb / 132P
CMOS 8-BIT MICROCONTROLLER
TMP87C409BNG TOSHIBA-TMP87C409BNG Datasheet
4Mb / 89P
CMOS 8-BIT MICROCONTROLLER
TMP86FH47UG TOSHIBA-TMP86FH47UG Datasheet
438Kb / 34P
CMOS 8-BIT MICROCONTROLLER
TMP86FS27FG TOSHIBA-TMP86FS27FG Datasheet
399Kb / 32P
CMOS 8-BIT MICROCONTROLLER
logo
Siemens Semiconductor G...
C515C_9711 SIEMENS-C515C_9711 Datasheet
1Mb / 268P
8-Bit CMOS Microcontroller
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com