Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C515C Datasheet (PDF) - Infineon Technologies AG

C515C Datasheet PDF - Infineon Technologies AG
Part # C515C
Download  C515C Download
File Size   1285.11 Kbytes
Page   96 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description 8-Bit Single-Chip Microcontroller

C515C Datasheet (PDF)

Go To PDF Page Download Datasheet
C515C Datasheet PDF - Infineon Technologies AG

Part # C515C
Download  C515C Click to download

File Size   1285.11 Kbytes
Page   96 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description 8-Bit Single-Chip Microcontroller

C515C Datasheet (HTML) - Infineon Technologies AG


C515C Product details

8-Bit Single-Chip Microcontroller

The C515C is an enhanced, upgraded version of the SAB 80C515A 8-bit microcontroller which additionally provides a full CAN interface, a SPI compatible synchronous serial interface, extended power save provisions, additional on-chip RAM, 64K of on-chip program memory, two new external interrupts and RFI related improvements. With a maximum external clock rate of 10 MHz it achieves a 600 ns instruction cycle time (1 µs at 6 MHz).

Features
• Full upward compatibility with SAB 80C515A
• On-chip program memory (with optional memory protection)
   – C515C-8R 64 Kbytes on-chip ROM
   – C515C-8E 64 Kbytes on-chip OTP
   – alternatively up to 64 Kbytes external program memory
• 256 bytes on-chip RAM
• 2 Kbytes of on-chip XRAM
• Up to 64 Kbytes external data memory
• Superset of the 8051 architecture with 8 datapointers
• Up to 10 MHz external operating frequency (1 µs instruction cycle time at 6 MHz
   external clock)
• On-chip emulation support logic (Enhanced Hooks Technology)
• Current optimized oscillator circuit and EMI optimized design
• Eight ports: 48 + 1 digital I/O lines, 8 analog inputs
   – Quasi-bidirectional port structure (8051 compatible)
   – Port 5 selectable for bidirectional port structure (CMOS voltage levels)
• Full-CAN controller on-chip
   – 256 register/data bytes are located in external data memory area
   – max. 1 MBaud at 8 - 10 MHz operating frequency
• Three 16-bit timer/counters
   – Timer 2 can be used for compare/capture functions
• 10-bit A/D converter with multiplexed inputs and built-in self calibration
• Full duplex serial interface with programmable baudrate generator (USART)
• SSC synchronous serial interface (SPI compatible)
   – Master and slave capable
   – Programmable clock polarity/clock-edge to data phase relation
   – LSB/MSB first selectable
   – 2.5 MHz transfer rate at 10 MHz operating frequency
• Seventeen interrupt vectors, at four priority levels selectable
• Extended watchdog facilities
   – 15-bit programmable watchdog timer
   – Oscillator watchdog
• Power saving modes
   – Slow-down mode
   – Idle mode (can be combined with slow-down mode)
   – Software power-down mode with wake-up capability through INT0 or RXDC pin
   – Hardware power-down mode
• CPU running condition output pin
• ALE can be switched off
• Multiple separate VDD/VSS pin pairs
• P-MQFP-80-1 package
• Temperature Ranges:
   SAB-C515C versions: TA = 0 to 70 °C
   SAF-C515C versions: TA = -40 to 85 °C
   SAH-C515C versions: TA = -40 to 110 °C




Similar Part No. - C515C

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
C515C SIEMENS-C515C Datasheet
1Mb / 69P
8-Bit CMOS Microcontroller
C515C SIEMENS-C515C Datasheet
1Mb / 268P
8-Bit CMOS Microcontroller
C515C-8E SIEMENS-C515C-8E Datasheet
1Mb / 268P
8-Bit CMOS Microcontroller
C515C-8R SIEMENS-C515C-8R Datasheet
1Mb / 268P
8-Bit CMOS Microcontroller
C515C_9711 SIEMENS-C515C_9711 Datasheet
1Mb / 268P
8-Bit CMOS Microcontroller
More results


Similar Description - C515C

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC863232 SANYO-LC863232 Datasheet
654Kb / 20P
8-Bit Single Chip Microcontroller
LC863264 SANYO-LC863264 Datasheet
656Kb / 20P
8-Bit Single Chip Microcontroller
logo
List of Unclassifed Man...
MAB84X1 ETC-MAB84X1 Datasheet
977Kb / 31P
SINGLE CHIP 8 BIT MICROCONTROLLER
logo
NEC
UPD78F9188CT NEC-UPD78F9188CT Datasheet
70Kb / 9P
8-BIT SINGLE-CHIP MICROCONTROLLER
logo
Siemens Semiconductor G...
SAB8032A SIEMENS-SAB8032A Datasheet
462Kb / 21P
8-Bit Single-Chip Microcontroller
logo
NEC
UPD78C18 NEC-UPD78C18 Datasheet
1Mb / 373P
8-BIT SINGLE-CHIP MICROCONTROLLER
logo
Infineon Technologies A...
XC886 INFINEON-XC886_1 Datasheet
4Mb / 144P
8-Bit Single-Chip Microcontroller
V0.9, Dec. 2006
SAL-XC886CLM INFINEON-SAL-XC886CLM Datasheet
870Kb / 134P
8-Bit Single Chip Microcontroller
V1.0 2010-05
XC835 INFINEON-XC835 Datasheet
1Mb / 56P
8-Bit Single-Chip Microcontroller
V1.2 2011-03
SAK-C505CA-4EMCA INFINEON-SAK-C505CA-4EMCA Datasheet
1Mb / 88P
8-Bit Single-Chip Microcontroller
Dec. 2000
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com