Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R2A20112ASP Datasheet (PDF) - Renesas Technology Corp

R2A20112ASP Datasheet PDF - Renesas Technology Corp
Part # R2A20112ASP
Download  R2A20112ASP Download
File Size   111.83 Kbytes
Page   9 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Critical Conduction Mode Interleaved PFC Control IC

R2A20112ASP Datasheet (PDF)

Go To PDF Page Download Datasheet
R2A20112ASP Datasheet PDF - Renesas Technology Corp

Part # R2A20112ASP
Download  R2A20112ASP Click to download

File Size   111.83 Kbytes
Page   9 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Critical Conduction Mode Interleaved PFC Control IC

R2A20112ASP Datasheet (HTML) - Renesas Technology Corp


R2A20112ASP Product details

Description
The R2A20112A controls a boost converter to provide an active power factor correction.
The R2A20112A adopts critical conduction mode for power factor correction and realizes high efficiency and a low switching noise by zero current switching.
Interleaving function improves ripple current on input or output capacitor by 180 degrees phase shift.
Soft-star, the feedback loop short detection, two mode over-voltage-protection, over-current-protection, Over current ON/OFF timer protection for boost Diode short and slave ZCD open detection are built in the R2A20112A, and can constitute a power supply system of high reliability with few external parts.

Features
• Absolute Maximum Ratings
   ⎯ Supply voltage Vcc: 24 V
   ⎯ Junction temperature Tj: –40 to +150°C
• Electrical Characteristics
   ⎯ VREF output voltage Vref: 5.0 V ± 1.5%
   ⎯ UVLO operation start voltage Vuvlh: 10.5 V ± 0.7 V
   ⎯ UVLO operation shutdown voltage Vuvll: 9.3 V ± 0.5 V
   ⎯ UVLO hysteresis voltage Hysuvl: 1.2 V ± 0.5 V
• Functions
   ⎯ Boost converter control with critical conduction mode
   ⎯ Interleaving control
   ⎯ Soft start function for the reference voltage of Error Amp
   ⎯ Two mode PFC output Over-voltage-protection
      Mode1: Dynamic OVP corresponding to a voltage rise by dynamic load change.
      Mode2: Static OVP corresponding to over-voltage in stable.
   ⎯ PFC output Dynamic-under-voltage-protection (DUVP)
   ⎯ Feedback loop open/short detection
   ⎯ Master and Slave independence over-current-protection
   ⎯ 280 μs restart timer
   ⎯ Slave ZCD signal open detection
   ⎯ Over current ON/OFF timer protection for boost Diode short
• Package
   ⎯ Pb-free SOP-16




Similar Part No. - R2A20112ASP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R2A20112ASP RENESAS-R2A20112ASP Datasheet
271Kb / 9P
Critical Conduction Mode Interleaved PFC Control IC
Jan 08, 2016
R2A20112ASPW0 RENESAS-R2A20112ASPW0 Datasheet
271Kb / 9P
Critical Conduction Mode Interleaved PFC Control IC
Jan 08, 2016
R2A20112ASP RENESAS-R2A20112ASP_15 Datasheet
111Kb / 9P
Critical Conduction Mode Interleaved PFC Control IC
R2A20112ASP RENESAS-R2A20112ASP_16 Datasheet
272Kb / 9P
Critical Conduction Mode Interleaved PFC Control IC
R2A20112ASP RENESAS-R2A20112ASP_V01 Datasheet
271Kb / 9P
Critical Conduction Mode Interleaved PFC Control IC
Jan 08, 2016
More results


Similar Description - R2A20112ASP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R2A20112SP RENESAS-R2A20112SP Datasheet
85Kb / 8P
Critical Conduction Mode Interleaved PFC Control IC
R2A20118ASP RENESAS-R2A20118ASP Datasheet
102Kb / 10P
Critical Conduction Mode Interleaved PFC Control IC
R2A20133ASP RENESAS-R2A20133ASP Datasheet
122Kb / 14P
Critical Conduction Mode PFC Control IC
R2A20112SPDD RENESAS-R2A20112SPDD_15 Datasheet
330Kb / 8P
Critical Conduction Mode Interleaved PFC Control IC
R2A20112ASP RENESAS-R2A20112ASP_15 Datasheet
111Kb / 9P
Critical Conduction Mode Interleaved PFC Control IC
R2A20118ASP RENESAS-R2A20118ASP_15 Datasheet
102Kb / 10P
Critical Conduction Mode Interleaved PFC Control IC
R2A20118ASP RENESAS-R2A20118ASP_16 Datasheet
282Kb / 10P
Critical Conduction Mode Interleaved PFC Control IC
R2A20113ASP RENESAS-R2A20113ASP_16 Datasheet
281Kb / 13P
Critical Conduction Mode PFC Control IC
R2A20112ASP RENESAS-R2A20112ASP_16 Datasheet
272Kb / 9P
Critical Conduction Mode Interleaved PFC Control IC
R2A20112ASP RENESAS-R2A20112ASP_V01 Datasheet
271Kb / 9P
Critical Conduction Mode Interleaved PFC Control IC
Jan 08, 2016
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com