Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R2A20118ASP Datasheet (PDF) - Renesas Technology Corp

R2A20118ASP Datasheet PDF - Renesas Technology Corp
Part # R2A20118ASP
Download  R2A20118ASP Download
File Size   102.3 Kbytes
Page   10 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Critical Conduction Mode Interleaved PFC Control IC

R2A20118ASP Datasheet (PDF)

Go To PDF Page Download Datasheet
R2A20118ASP Datasheet PDF - Renesas Technology Corp

Part # R2A20118ASP
Download  R2A20118ASP Click to download

File Size   102.3 Kbytes
Page   10 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Critical Conduction Mode Interleaved PFC Control IC

R2A20118ASP Datasheet (HTML) - Renesas Technology Corp


R2A20118ASP Product details

Description
The R2A20118A controls a boost converter to provide an active power factor correction.
The R2A20118A is based on R2A20117, and additional functions are OVP2 and Brownout.
The R2A20118A adopts critical conduction mode for power factor correction and realizes high efficiency and a low
switching noise by zero current switching.
Interleaving function improves ripple current on input or output capacitor by 180 degrees phase shift.

Features
  Absolute Maximum Ratings
   Supply voltage Vcc: 24 V
   Operating junction temperature Tjopr: –40 to +150°C
 Electrical Characteristics
   VREF output voltage VREF: 5.0 V 1.5%
   UVLO operation start voltage Vuvlh: 10.5 V 0.7 V
   UVLO operation shutdown voltage Vuvll: 9.3 V 0.5 V
   UVLO hysteresis voltage Hysuvl: 1.2 V 0.5 V
Functions
 Boost converter control with critical conduction mode
 Interleaving control
 Brownout function
 Two mode overvoltage protection and OVP2
      Mode1: Dynamic OVP corresponding to a voltage rise by dynamic load change
      Mode2: Static OVP corresponding to overvoltage in stable.
      OVP2: OVP2 sense the PFC output voltage by independenced pin.
 Feedback loop short detection
 Slave ZCD signal open detection
 RAMP charge current selectable function
 Master and Slave independenced overcurrent protection
 Overcurrent timer latch protection at abnormal operation
 280μs restart timer
 Soft start function for the reference voltage of Error Amp
 Package: Pb-free SOP-20




Similar Part No. - R2A20118ASP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R2A20118ASP RENESAS-R2A20118ASP_15 Datasheet
102Kb / 10P
Critical Conduction Mode Interleaved PFC Control IC
R2A20118ASP RENESAS-R2A20118ASP_16 Datasheet
282Kb / 10P
Critical Conduction Mode Interleaved PFC Control IC
More results


Similar Description - R2A20118ASP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R2A20112SP RENESAS-R2A20112SP Datasheet
85Kb / 8P
Critical Conduction Mode Interleaved PFC Control IC
R2A20112ASP RENESAS-R2A20112ASP Datasheet
111Kb / 9P
Critical Conduction Mode Interleaved PFC Control IC
R2A20133ASP RENESAS-R2A20133ASP Datasheet
122Kb / 14P
Critical Conduction Mode PFC Control IC
R2A20112SPDD RENESAS-R2A20112SPDD_15 Datasheet
330Kb / 8P
Critical Conduction Mode Interleaved PFC Control IC
R2A20112ASP RENESAS-R2A20112ASP_15 Datasheet
111Kb / 9P
Critical Conduction Mode Interleaved PFC Control IC
R2A20118ASP RENESAS-R2A20118ASP_15 Datasheet
102Kb / 10P
Critical Conduction Mode Interleaved PFC Control IC
R2A20118ASP RENESAS-R2A20118ASP_16 Datasheet
282Kb / 10P
Critical Conduction Mode Interleaved PFC Control IC
R2A20113ASP RENESAS-R2A20113ASP_16 Datasheet
281Kb / 13P
Critical Conduction Mode PFC Control IC
R2A20112ASP RENESAS-R2A20112ASP_16 Datasheet
272Kb / 9P
Critical Conduction Mode Interleaved PFC Control IC
R2A20112ASP RENESAS-R2A20112ASP_V01 Datasheet
271Kb / 9P
Critical Conduction Mode Interleaved PFC Control IC
Jan 08, 2016
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com