Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R2A20118ASP Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # R2A20118ASP
Description  Critical Conduction Mode Interleaved PFC Control IC
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R2A20118ASP Datasheet(HTML) 2 Page - Renesas Technology Corp

  R2A20118ASP Datasheet HTML 1Page - Renesas Technology Corp R2A20118ASP Datasheet HTML 2Page - Renesas Technology Corp R2A20118ASP Datasheet HTML 3Page - Renesas Technology Corp R2A20118ASP Datasheet HTML 4Page - Renesas Technology Corp R2A20118ASP Datasheet HTML 5Page - Renesas Technology Corp R2A20118ASP Datasheet HTML 6Page - Renesas Technology Corp R2A20118ASP Datasheet HTML 7Page - Renesas Technology Corp R2A20118ASP Datasheet HTML 8Page - Renesas Technology Corp R2A20118ASP Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
R2A20118ASP
Preliminary
R03DS0002EJ0100 Rev.1.00
Page 2 of 9
Jul 14, 2010
Pin Arrangement
(Top view)
1
2
3
4
5
6
7
8
9
10
VCC
GD-M
GND
GD-S
OCP-M
OCP-S
NC
TL
OVP2
FB
20
19
18
17
16
15
14
13
12
11
ZCD-M
ZCD-S
BO
VREF
SS
NC
RT
RAMP
RAMP-GAIN
COMP
Pin Functions
Pin No.
Pin Name
Input/Output
Function
1
ZCD-M
Input
Master converter zero current detection input terminal
2
ZCD-S
Input
Slave converter zero current detection input terminal
3
BO
Input
Brownout input terminal
4
VREF
Output
Reference voltage output terminal
5
SS
Output
Soft start time setting terminal
6
NC
—
Open terminal
7
RT
Input/Output
Oscillator frequency setting terminal
8
RAMP
Input/Output
Ramp waveform setting terminal
9
RAMP-GAIN
Input
RAMP charge current selection terminal
10
COMP
Output
Error amplifier output terminal
11
FB
Input
Error amplifier input terminal
12
OVP2
Input
Over voltage detection terminal
13
TL
Output
Timer latch time setting terminal
14
NC
—
Open terminal
15
OCP-S
Input
Slave converter overcurrent detection terminal
16
OCP-M
Input
Master converter overcurrent detection terminal
17
GD-S
Output
Slave converter Power MOSFET drive terminal
18
GND
—
Ground
19
GD-M
Output
Master converter Power MOSFET drive terminal
20
VCC
Input
Supply voltage terminal



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com