Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CGY121 Datasheet (PDF) - Siemens Semiconductor Group

CGY121 Datasheet PDF - Siemens Semiconductor Group
Part # CGY121
Download  CGY121 Download
File Size   94.05 Kbytes
Page   8 Pages
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group
Description GaAs MMIC (Variable gain amplifier MMIC-Amplifier for mobile communication Typical Gain Control range over 50dB)

CGY121 Datasheet (PDF)

Go To PDF Page Download Datasheet
CGY121 Datasheet PDF - Siemens Semiconductor Group

Part # CGY121
Download  CGY121 Click to download

File Size   94.05 Kbytes
Page   8 Pages
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group
Description GaAs MMIC (Variable gain amplifier MMIC-Amplifier for mobile communication Typical Gain Control range over 50dB)

CGY121 Datasheet (HTML) - Siemens Semiconductor Group


CGY121 Product details

GaAs MMIC

Preliminary Datasheet
 • Variable gain amplifier (MMIC-Amplifier) for mobile communication
 • Typical Gain Control range over 50dB
 • Positive Control Voltage
 • 50Ω input and output matched
 • Low power consumption
 • Operating voltage range: 2.7 to 6 V
 • Frequency range 800 MHz ... 2.5 GHz




Similar Part No. - CGY121

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
CGY121 SIEMENS-CGY121 Datasheet
93Kb / 8P
GaAs MMIC (Variable gain amplifier MMIC-Amplifier for mobile communication Gain Control range over 50dB)
CGY121B SIEMENS-CGY121B Datasheet
93Kb / 8P
GaAs MMIC (Variable gain amplifier MMIC-Amplifier for mobile communication Gain Control range over 50dB)
More results


Similar Description - CGY121

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BGA2031 PHILIPS-BGA2031 Datasheet
67Kb / 12P
MMIC variable gain amplifier
1999 Jul 23
logo
Siemens Semiconductor G...
CGY120 SIEMENS-CGY120 Datasheet
70Kb / 7P
GaAs MMIC (Monolithic microwave IC MMIC-Amplifier for mobile communication)
CGY121B SIEMENS-CGY121B Datasheet
93Kb / 8P
GaAs MMIC (Variable gain amplifier MMIC-Amplifier for mobile communication Gain Control range over 50dB)
logo
Hittite Microwave Corpo...
HMC972LP5E HITTITE-HMC972LP5E Datasheet
1Mb / 10P
GaAs MMIC ANALOG VARIABLE GAIN AMPLIFIER, 0.5 - 6.0 GHz
HMC694 HITTITE-HMC694 Datasheet
551Kb / 8P
GaAs MMIC ANALOG VARIABLE GAIN AMPLIFIER, 6 - 17 GHz
HMC694LP4 HITTITE-HMC694LP4 Datasheet
560Kb / 8P
GaAs MMIC ANALOG VARIABLE GAIN AMPLIFIER, 6 - 17 GHz
logo
NXP Semiconductors
BGA2031 PHILIPS-BGA2031_1 Datasheet
315Kb / 11P
MMIC variable gain amplifier
2001 Feb 05
logo
Analog Devices
HMC694 AD-HMC694 Datasheet
466Kb / 8P
GaAs MMIC ANALOG VARIABLE GAIN AMPLIFIER
HMC694LP4 AD-HMC694LP4 Datasheet
483Kb / 8P
GaAs MMIC ANALOG VARIABLE GAIN AMPLIFIER
logo
NXP Semiconductors
BGA2031 NXP-BGA2031 Datasheet
315Kb / 11P
MMIC variable gain amplifier
2001 Feb 05
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com