Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RJK0230DPA Datasheet (PDF) - Renesas Technology Corp

RJK0230DPA Datasheet PDF - Renesas Technology Corp
Part # RJK0230DPA
Download  RJK0230DPA Download
File Size   221.64 Kbytes
Page   11 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Silicon N Channel Power MOS FET with Schottky Barrier Diode High Speed Power Switching

RJK0230DPA Datasheet (PDF)

Go To PDF Page Download Datasheet
RJK0230DPA Datasheet PDF - Renesas Technology Corp

Part # RJK0230DPA
Download  RJK0230DPA Click to download

File Size   221.64 Kbytes
Page   11 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Silicon N Channel Power MOS FET with Schottky Barrier Diode High Speed Power Switching

RJK0230DPA Datasheet (HTML) - Renesas Technology Corp


RJK0230DPA Product details

Features
• Low on-resistance
• Capable of 4.5 V gate drive
• High density mounting
• Pb-free
• Halogen-free




Similar Part No. - RJK0230DPA

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJK0234DNS RENESAS-RJK0234DNS Datasheet
288Kb / 7P
25V, 35A, 5.8m廓max. N Channel Power MOS FET High Speed Power Switching
RJK0236DPA RENESAS-RJK0236DPA Datasheet
161Kb / 7P
Built in SBD N Channel Power MOS FET High Speed Power Switching
RJK0236DPA-00-J5A RENESAS-RJK0236DPA-00-J5A Datasheet
161Kb / 7P
Built in SBD N Channel Power MOS FET High Speed Power Switching
More results


Similar Description - RJK0230DPA

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJK0383DPA RENESAS-RJK0383DPA Datasheet
114Kb / 5P
Silicon N Channel Power MOS FET with Schottky Barrier Diode High Speed Power Switching
RJK0389DPA RENESAS-RJK0389DPA Datasheet
113Kb / 5P
Silicon N Channel Power MOS FET with Schottky Barrier Diode High Speed Power Switching
HAT2285WP RENESAS-HAT2285WP Datasheet
130Kb / 10P
Silicon N Channel Power MOS FET with Schottky Barrier Diode High Speed Power Switching
HAT2210R RENESAS-HAT2210R Datasheet
116Kb / 12P
Silicon N Channel Power MOS FET with Schottky Barrier Diode High Speed Power Switching
HAT2126RP RENESAS-HAT2126RP Datasheet
263Kb / 17P
Silicon N Channel Power MOS FET with Schottky Barrier Diode High Speed Power Switching
RJK0389DPA RENESAS-RJK0389DPA_09 Datasheet
358Kb / 11P
Silicon N Channel Power MOS FET with Schottky Barrier Diode High Speed Power Switching
HAT2285WP RENESAS-HAT2285WP_10 Datasheet
115Kb / 10P
Silicon N Channel Power MOS FET with Schottky Barrier Diode High Speed Power Switching
RJK0214DPA RENESAS-RJK0214DPA Datasheet
260Kb / 11P
Silicon N Channel Power MOS FET with Schottky Barrier Diode High Speed Power Switching
RJK0215DPA RENESAS-RJK0215DPA Datasheet
271Kb / 11P
Silicon N Channel Power MOS FET with Schottky Barrier Diode High Speed Power Switching
RJK0223DNS RENESAS-RJK0223DNS Datasheet
81Kb / 5P
Silicon N Channel Power MOS FET with Schottky Barrier Diode High Speed Power Switching
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com