Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RJK0236DPA Datasheet (PDF) - Renesas Technology Corp

RJK0236DPA Datasheet PDF - Renesas Technology Corp
Part # RJK0236DPA
Download  RJK0236DPA Download
File Size   161.1 Kbytes
Page   7 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Built in SBD N Channel Power MOS FET High Speed Power Switching

RJK0236DPA Datasheet (PDF)

Go To PDF Page Download Datasheet
RJK0236DPA Datasheet PDF - Renesas Technology Corp

Part # RJK0236DPA
Download  RJK0236DPA Click to download

File Size   161.1 Kbytes
Page   7 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Built in SBD N Channel Power MOS FET High Speed Power Switching

RJK0236DPA Datasheet (HTML) - Renesas Technology Corp


RJK0236DPA Product details

Features
• High speed switching
• Capable of 4.5 V gate drive
• Low drive current
• High density mounting
• Low on-resistance
• Pb-free
• Halogen-free




Similar Part No. - RJK0236DPA

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJK0230DPA RENESAS-RJK0230DPA Datasheet
221Kb / 11P
Silicon N Channel Power MOS FET with Schottky Barrier Diode High Speed Power Switching
RJK0234DNS RENESAS-RJK0234DNS Datasheet
288Kb / 7P
25V, 35A, 5.8m廓max. N Channel Power MOS FET High Speed Power Switching
More results


Similar Description - RJK0236DPA

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJK03A4DPA RENESAS-RJK03A4DPA_13 Datasheet
127Kb / 7P
Built in SBD N Channel Power MOS FET High Speed Power Switching
RJK0204DPA RENESAS-RJK0204DPA_13 Datasheet
125Kb / 7P
Built in SBD N Channel Power MOS FET High Speed Power Switching
RJK0206DPA RENESAS-RJK0206DPA_13 Datasheet
125Kb / 7P
Built in SBD N Channel Power MOS FET High Speed Power Switching
RJK0208DPA RENESAS-RJK0208DPA_13 Datasheet
125Kb / 7P
Built in SBD N Channel Power MOS FET High Speed Power Switching
RJK0213DPA RENESAS-RJK0213DPA_13 Datasheet
197Kb / 7P
Built in SBD N Channel Power MOS FET High Speed Power Switching
RJK0379DPA RENESAS-RJK0379DPA_13 Datasheet
126Kb / 7P
Built in SBD N Channel Power MOS FET High Speed Power Switching
RJK03C5DPA RENESAS-RJK03C5DPA_13 Datasheet
126Kb / 7P
Built in SBD N Channel Power MOS FET High Speed Power Switching
RJK03E4DPA RENESAS-RJK03E4DPA_13 Datasheet
142Kb / 7P
Built in SBD N Channel Power MOS FET High Speed Power Switching
RJK03E5DPA RENESAS-RJK03E5DPA_13 Datasheet
141Kb / 7P
Built in SBD N Channel Power MOS FET High Speed Power Switching
RJK03E6DPA RENESAS-RJK03E6DPA_13 Datasheet
141Kb / 7P
Built in SBD N Channel Power MOS FET High Speed Power Switching
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com