Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CGY40 Datasheet (PDF) - Siemens Semiconductor Group

CGY40 Datasheet PDF - Siemens Semiconductor Group
Part # CGY40
Download  CGY40 Download
File Size   30.23 Kbytes
Page   5 Pages
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group
Description GaAs MMIC (Single-stage monolithic microwave IC MMICamplifier Application range: 100 MHz to 3 GHz)

CGY40 Datasheet (PDF)

Go To PDF Page Download Datasheet
CGY40 Datasheet PDF - Siemens Semiconductor Group

Part # CGY40
Download  CGY40 Click to download

File Size   30.23 Kbytes
Page   5 Pages
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group
Description GaAs MMIC (Single-stage monolithic microwave IC MMICamplifier Application range: 100 MHz to 3 GHz)

CGY40 Datasheet (HTML) - Siemens Semiconductor Group


CGY40 Product details

GaAs MMIC

* Single-stage monolithic microwave IC ( MMIC-amplifier )
* Application range: 100 MHz to 3 GHz
* Gain: 9 dB typ. @ 1.6 GHz
* Low noise figure: 2.7 dB typ. @ 1.6 GHz
* Bandwidth: 3 GHz typ. @ -3 dB, VSWR < 2 : 1
* Operating voltage range: 3 to 5.5 V
* Individual current control with neg. gate bias
* Hermetically sealed ceramic stripline package Cerec-X




Similar Part No. - CGY40

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
CGY41 INFINEON-CGY41 Datasheet
555Kb / 7P
HiRel L- and S-Band GaAs General Purpose Amplifier
CGY41 INFINEON-CGY41 Datasheet
154Kb / 6P
HiRel L- and S-Band GaAs General Purpose Amplifier
CGY41 INFINEON-CGY41_11 Datasheet
154Kb / 6P
HiRel L- and S-Band GaAs General Purpose Amplifier
More results


Similar Description - CGY40

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHM1191 UMS-CHM1191 Datasheet
90Kb / 6P
GaAs Monolithic Microwave IC
logo
Siemens Semiconductor G...
CGY120 SIEMENS-CGY120 Datasheet
70Kb / 7P
GaAs MMIC (Monolithic microwave IC MMIC-Amplifier for mobile communication)
CGY21 SIEMENS-CGY21 Datasheet
130Kb / 9P
GaAs MMIC (Two-stage monolithic microwave IC MMIC amplifier)
CGY31 SIEMENS-CGY31 Datasheet
139Kb / 9P
GaAs MMIC (Two-stage monolithic microwave IC MMIC amplifier All-gold metallization Chip fully passivated)
CGY50 SIEMENS-CGY50 Datasheet
34Kb / 5P
GaAs MMIC (Single-stage monolithic microwave IC MMICamplifier Cascadable 50 廓 gain block)
CGY52 SIEMENS-CGY52 Datasheet
36Kb / 4P
GaAs MMIC (Two stages monolithic microwave IC MMICAmplifier All gold metallisation)
logo
United Monolithic Semic...
CHA6358-99F00 UMS-CHA6358-99F00 Datasheet
290Kb / 12P
GaAs Monolithic Microwave IC
CHA2090 UMS-CHA2090_15 Datasheet
167Kb / 8P
GaAs Monolithic Microwave IC
CHA2266 UMS-CHA2266_15 Datasheet
166Kb / 8P
GaAs Monolithic Microwave IC
CHA3511 UMS-CHA3511_15 Datasheet
287Kb / 10P
GaAs Monolithic Microwave IC
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com