Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CGY50 Datasheet (PDF) - Siemens Semiconductor Group

CGY50 Datasheet PDF - Siemens Semiconductor Group
Part # CGY50
Download  CGY50 Download
File Size   34.54 Kbytes
Page   5 Pages
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group
Description GaAs MMIC (Single-stage monolithic microwave IC MMICamplifier Cascadable 50 廓 gain block)

CGY50 Datasheet (PDF)

Go To PDF Page Download Datasheet
CGY50 Datasheet PDF - Siemens Semiconductor Group

Part # CGY50
Download  CGY50 Click to download

File Size   34.54 Kbytes
Page   5 Pages
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group
Description GaAs MMIC (Single-stage monolithic microwave IC MMICamplifier Cascadable 50 廓 gain block)

CGY50 Datasheet (HTML) - Siemens Semiconductor Group


CGY50 Product details

GaAs MMIC
   
* Single-stage monolithic microwave IC ( MMIC-amplifier )
* Cascadable 50 Ω gain block
* Application range: 100 MHz to 3 GHz
* IP3 30 dBm typ. @ 1.8 GHz
* Gain 8.5 dB typ. @ 1.8 GHz
* Low noise figure: 3.0 dB typ @ 1.8 GHz
* Gain control dynamic range 20 dB
   




Similar Part No. - CGY50

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
CGY52 SIEMENS-CGY52 Datasheet
36Kb / 4P
GaAs MMIC (Two stages monolithic microwave IC MMICAmplifier All gold metallisation)
CGY59 SIEMENS-CGY59 Datasheet
48Kb / 8P
GaAs MMIC (Low noise preamplifier for mobile communication PCN, DECT, GSM in 2.7V to 6V systems)
More results


Similar Description - CGY50

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BGA420 SIEMENS-BGA420 Datasheet
38Kb / 6P
Si-MMIC-Amplifierin SIEGET 25-Technologie (Cascadable 50 廓-gain block Unconditionally stable)
CGY120 SIEMENS-CGY120 Datasheet
70Kb / 7P
GaAs MMIC (Monolithic microwave IC MMIC-Amplifier for mobile communication)
CGY21 SIEMENS-CGY21 Datasheet
130Kb / 9P
GaAs MMIC (Two-stage monolithic microwave IC MMIC amplifier)
CGY31 SIEMENS-CGY31 Datasheet
139Kb / 9P
GaAs MMIC (Two-stage monolithic microwave IC MMIC amplifier All-gold metallization Chip fully passivated)
CGY40 SIEMENS-CGY40 Datasheet
30Kb / 5P
GaAs MMIC (Single-stage monolithic microwave IC MMICamplifier Application range: 100 MHz to 3 GHz)
CGY52 SIEMENS-CGY52 Datasheet
36Kb / 4P
GaAs MMIC (Two stages monolithic microwave IC MMICAmplifier All gold metallisation)
CGY62 SIEMENS-CGY62 Datasheet
25Kb / 5P
GaAs MMIC (Two-stage microwave broadband amplifier IC 50 廓 input / output)
logo
WJ Communication. Inc.
AG101 WJCI-AG101 Datasheet
396Kb / 6P
GaAs MMIC Gain Block
logo
TriQuint Semiconductor
AG101-G TRIQUINT-AG101-G_15 Datasheet
491Kb / 6P
GaAs MMIC Gain Block
logo
United Monolithic Semic...
CHA2266 UMS-CHA2266_15 Datasheet
166Kb / 8P
GaAs Monolithic Microwave IC
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com