Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CGY62 Datasheet (PDF) - Siemens Semiconductor Group

CGY62 Datasheet PDF - Siemens Semiconductor Group
Part # CGY62
Download  CGY62 Download
File Size   25.65 Kbytes
Page   5 Pages
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group
Description GaAs MMIC (Two-stage microwave broadband amplifier IC 50 廓 input / output)

CGY62 Datasheet (PDF)

Go To PDF Page Download Datasheet
CGY62 Datasheet PDF - Siemens Semiconductor Group

Part # CGY62
Download  CGY62 Click to download

File Size   25.65 Kbytes
Page   5 Pages
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group
Description GaAs MMIC (Two-stage microwave broadband amplifier IC 50 廓 input / output)

CGY62 Datasheet (HTML) - Siemens Semiconductor Group


CGY62 Product details

GaAs MMIC

* Two-stage microwave broadband amplifier IC
* 50 Ω input / output
* Operating voltage range: 2.7 to 5 V
* High gain and output power (typ.: G=20 dB, P-1dB =17,5 dBm @ 4.5V, 1GHz )
* Frequency range 200 MHz ... 2.5 GHz




Similar Part No. - CGY62

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
CGY60 SIEMENS-CGY60 Datasheet
38Kb / 7P
GaAs MMIC (Low noise preamplifier for mobile communication PCN, DECT, GSM in 2.7V to 6V systems)
More results


Similar Description - CGY62

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
CGY120 SIEMENS-CGY120 Datasheet
70Kb / 7P
GaAs MMIC (Monolithic microwave IC MMIC-Amplifier for mobile communication)
CGY21 SIEMENS-CGY21 Datasheet
130Kb / 9P
GaAs MMIC (Two-stage monolithic microwave IC MMIC amplifier)
CGY31 SIEMENS-CGY31 Datasheet
139Kb / 9P
GaAs MMIC (Two-stage monolithic microwave IC MMIC amplifier All-gold metallization Chip fully passivated)
CGY50 SIEMENS-CGY50 Datasheet
34Kb / 5P
GaAs MMIC (Single-stage monolithic microwave IC MMICamplifier Cascadable 50 廓 gain block)
CGY52 SIEMENS-CGY52 Datasheet
36Kb / 4P
GaAs MMIC (Two stages monolithic microwave IC MMICAmplifier All gold metallisation)
logo
RF Micro Devices
NBB-312 RFMD-NBB-312_06 Datasheet
183Kb / 8P
CASCADABLE BROADBAND GaAs MMIC AMPLIFIER DC TO 12GHz
NLB-310 RFMD-NLB-310_1 Datasheet
262Kb / 8P
CASCADABLE BROADBAND GaAs MMIC AMPLIFIER DC TO 10GHz
NBB-312 RFMD-NBB-312_1 Datasheet
310Kb / 8P
CASCADABLE BROADBAND GaAs MMIC AMPLIFIER DC TO 12GHz
NLB-310 RFMD-NLB-310_13 Datasheet
1Mb / 9P
Cascadable Broadband GaAs MMIC Amplifier DC to 10GHz
logo
Qorvo, Inc
NBB-300 QORVO-NBB-300 Datasheet
567Kb / 11P
Cascadable Broadband GaAs MMIC Amplifier DC to 12GHz
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com