Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CGY59 Datasheet (PDF) - Siemens Semiconductor Group

CGY59 Datasheet PDF - Siemens Semiconductor Group
Part # CGY59
Download  CGY59 Download
File Size   48.31 Kbytes
Page   8 Pages
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group
Description GaAs MMIC (Low noise preamplifier for mobile communication PCN, DECT, GSM in 2.7V to 6V systems)

CGY59 Datasheet (PDF)

Go To PDF Page Download Datasheet
CGY59 Datasheet PDF - Siemens Semiconductor Group

Part # CGY59
Download  CGY59 Click to download

File Size   48.31 Kbytes
Page   8 Pages
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group
Description GaAs MMIC (Low noise preamplifier for mobile communication PCN, DECT, GSM in 2.7V to 6V systems)

CGY59 Datasheet (HTML) - Siemens Semiconductor Group


CGY59 Product details

GaAs MMIC

* Low noise preamplifier for mobile communication (PCN, DECT, GSM) in 2.7V to 6V systems
* Biased monolithic microwave IC (MMIC)
* Easily matchable to 50Ω
* No bias coil needed
* Single positive supply voltage
* Low noise figure and high gain
    NF=1.3dB, G=16.5dB @ 3V, 950MHz (typ.)
    NF=1.7dB, G=12dB @ 3V, 1.85GHz (typ.)
* Low power consumption
* Frequency range 200 MHz ... 2.5 GHz
* Miniature package MW6 based on SOT23




Similar Part No. - CGY59

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
CGY50 SIEMENS-CGY50 Datasheet
34Kb / 5P
GaAs MMIC (Single-stage monolithic microwave IC MMICamplifier Cascadable 50 廓 gain block)
CGY52 SIEMENS-CGY52 Datasheet
36Kb / 4P
GaAs MMIC (Two stages monolithic microwave IC MMICAmplifier All gold metallisation)
More results


Similar Description - CGY59

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCF5077T PHILIPS-PCF5077T Datasheet
120Kb / 24P
Power amplifier controller for GSM and PCN systems
1997 Nov 19
PCF5078 PHILIPS-PCF5078 Datasheet
90Kb / 20P
Power amplifier controller for GSM and PCN systems
1999 Apr 12
logo
Siemens Semiconductor G...
BFP136W SIEMENS-BFP136W Datasheet
60Kb / 7P
NPN Silicon RF Transistor (For power amplifier in DECT and PCN systems)
BFP280 SIEMENS-BFP280 Datasheet
59Kb / 7P
NPN Silicon RF Transistor (For low noise, low-power amplifiers in mobile communication systems)
BFP280W SIEMENS-BFP280W Datasheet
59Kb / 7P
NPN Silicon RF Transistor (For low noise, low-power amplifiers in mobile communication systems)
BFR280 SIEMENS-BFR280 Datasheet
56Kb / 7P
NPN Silicon RF Transistor (For low noise, low-power amplifiers in mobile communication systems)
BFR280W SIEMENS-BFR280W Datasheet
56Kb / 7P
NPN Silicon RF Transistor (For low noise, low-power amplifiers in mobile communication systems
BFS480 SIEMENS-BFS480 Datasheet
52Kb / 6P
NPN Silicon RF Transistor (For low noise, low-power amplifiers in mobile communication systems)
CGY120 SIEMENS-CGY120 Datasheet
70Kb / 7P
GaAs MMIC (Monolithic microwave IC MMIC-Amplifier for mobile communication)
CGY60 SIEMENS-CGY60 Datasheet
38Kb / 7P
GaAs MMIC (Low noise preamplifier for mobile communication PCN, DECT, GSM in 2.7V to 6V systems)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com