Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RJP60F4DPM Datasheet (PDF) - Renesas Technology Corp

RJP60F4DPM Datasheet PDF - Renesas Technology Corp
Part # RJP60F4DPM
Download  RJP60F4DPM Download
File Size   85.61 Kbytes
Page   7 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 600 V - 30 A - IGBT High Speed Power Switching

RJP60F4DPM Datasheet (PDF)

Go To PDF Page Download Datasheet
RJP60F4DPM Datasheet PDF - Renesas Technology Corp

Part # RJP60F4DPM
Download  RJP60F4DPM Click to download

File Size   85.61 Kbytes
Page   7 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 600 V - 30 A - IGBT High Speed Power Switching

RJP60F4DPM Datasheet (HTML) - Renesas Technology Corp


RJP60F4DPM Product details

Features
● Low collector to emitter saturation voltage
   VCE(sat) = 1.4 V typ. (at IC = 30 A, VGE = 15V, Ta = 25°C)
● Trench gate and thin wafer technology
● High speed switching




Similar Part No. - RJP60F4DPM

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJP60F4DPM RENESAS-RJP60F4DPM_15 Datasheet
85Kb / 7P
600 V - 30 A - IGBT High Speed Power Switching
More results


Similar Description - RJP60F4DPM

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJH60F3DPQ-A0 RENESAS-RJH60F3DPQ-A0 Datasheet
94Kb / 8P
600 V - 20 A - IGBT High Speed Power Switching
RJP60F0DPE RENESAS-RJP60F0DPE Datasheet
87Kb / 7P
600 V - 25 A - IGBT High Speed Power Switching
RJH60F0DPQ-A0 RENESAS-RJH60F0DPQ-A0_15 Datasheet
95Kb / 8P
600 V - 25 A - IGBT High Speed Power Switching
RJH60F4DPQ-A0 RENESAS-RJH60F4DPQ-A0_15 Datasheet
88Kb / 8P
600 V - 30 A - IGBT High Speed Power Switching
RJH60F5DPQ-A0 RENESAS-RJH60F5DPQ-A0_15 Datasheet
94Kb / 8P
600 V - 40 A - IGBT High Speed Power Switching
RJH60F6DPQ-A0 RENESAS-RJH60F6DPQ-A0_15 Datasheet
95Kb / 8P
600 V - 45 A - IGBT High Speed Power Switching
RJH6086BDPK RENESAS-RJH6086BDPK_15 Datasheet
100Kb / 8P
600 V - 45 A - IGBT High Speed Power Switching
RJP60F0DPE RENESAS-RJP60F0DPE_15 Datasheet
87Kb / 7P
600 V - 25 A - IGBT High Speed Power Switching
RJP60F0DPM RENESAS-RJP60F0DPM_15 Datasheet
86Kb / 7P
600 V - 25 A - IGBT High Speed Power Switching
RJP60F4DPM RENESAS-RJP60F4DPM_15 Datasheet
85Kb / 7P
600 V - 30 A - IGBT High Speed Power Switching
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com