Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SY88022LMG Datasheet (PDF) - Micrel Semiconductor

SY88022LMG Datasheet PDF - Micrel Semiconductor
Part # SY88022LMG
Download  SY88022LMG Download
File Size   361.21 Kbytes
Page   10 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description 11.3Gbps Laser Diode Driver

SY88022LMG Datasheet (PDF)

Go To PDF Page Download Datasheet
SY88022LMG Datasheet PDF - Micrel Semiconductor

Part # SY88022LMG
Download  SY88022LMG Click to download

File Size   361.21 Kbytes
Page   10 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description 11.3Gbps Laser Diode Driver

SY88022LMG Datasheet (HTML) - Micrel Semiconductor


SY88022LMG Product details

Description
The SY88022L is a single 3.3V supply, small form factor driver for telecom/datacom applications using FP/DFB lasers at data rates up to 11.3Gbps. The driver can deliver modulation current up to 60mA and a bias current up to 80mA

Features
• Operates from a single 3.3V supply
• Operation up to 11.3Gbps
• Modulation current up to 60mA
• Bias current up to 80mA
• Available in a small form factor 3mm x 3mm QFN package

Applications
• Multi-rate LAN, MAN applications up to 11.3Gbps:
   8xFC, 10G GbE, SONET OC-192 and SDH STM-64
• SFP+, XFP, XPAK, XENPAK, X2, MSA 300 optical
   modules




Similar Part No. - SY88022LMG

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY88022AL MICREL-SY88022AL Datasheet
493Kb / 12P
11.3Gbps Laser Diode Driver
SY88022ALMG MICREL-SY88022ALMG Datasheet
493Kb / 12P
11.3Gbps Laser Diode Driver
SY88022ALMGTR MICREL-SY88022ALMGTR Datasheet
493Kb / 12P
11.3Gbps Laser Diode Driver
More results


Similar Description - SY88022LMG

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3946 MAXIM-MAX3946 Datasheet
2Mb / 28P
1.0625Gbps to 11.3Gbps, SFP Laser Driver with Laser Impedance Mismatch Tolerance
Rev 0; 3/10
MAX3946 MAXIM-MAX3946_11 Datasheet
2Mb / 29P
1Gbps to 11.3Gbps, SFP Laser Driver with Laser Impedance Mismatch Tolerance
Rev 1; 5/11
logo
Micrel Semiconductor
SY88024L MICREL-SY88024L Datasheet
365Kb / 10P
11.3Gbps VCSEL DRIVER
logo
Maxim Integrated Produc...
MAX3948 MAXIM-MAX3948 Datasheet
3Mb / 37P
11.3Gbps, Low-Power, DC-Coupled Laser Driver
Rev 0; 6/11
logo
Roithner LaserTechnik G...
EU-38-PD ROITHNER-EU-38-PD Datasheet
95Kb / 2P
Laser Diode Driver
logo
TriQuint Semiconductor
TGA4195-SM TRIQUINT-TGA4195-SM_15 Datasheet
208Kb / 1P
11.3Gbps EML Driver
logo
Micrel Semiconductor
SY88022AL MICREL-SY88022AL Datasheet
493Kb / 12P
11.3Gbps Laser Diode Driver
logo
Qorvo, Inc
TGA4195-SM QORVO-TGA4195-SM Datasheet
208Kb / 1P
11.3Gbps EML Driver
logo
Maxim Integrated Produc...
MAX3949 MAXIM-MAX3949 Datasheet
2Mb / 38P
11.3Gbps, Low-Power, AC-Coupled Laser Driver
Rev 1; 4/14
MAX3948 MAXIM-MAX3948_V01 Datasheet
2Mb / 37P
11.3Gbps, Low-Power, DC-Coupled Laser Driver
2012
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com