Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC94002BLM Datasheet (PDF) - Micrel Semiconductor

MIC94002BLM Datasheet PDF - Micrel Semiconductor
Part # MIC94002BLM
Download  MIC94002BLM Download
File Size   37.48 Kbytes
Page   2 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description Dual P-Channel MOSFET Not Recommended for New Designs

MIC94002BLM Datasheet (PDF)

Go To PDF Page Download Datasheet
MIC94002BLM Datasheet PDF - Micrel Semiconductor

Part # MIC94002BLM
Download  MIC94002BLM Click to download

File Size   37.48 Kbytes
Page   2 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description Dual P-Channel MOSFET Not Recommended for New Designs

MIC94002BLM Datasheet (HTML) - Micrel Semiconductor


MIC94002BLM Product details

General Description
The MIC94002 contains two silicon gate P-channel MOSFETs designed for low on-resistance, high-side switch applications.
The MIC94002 has a maximum on-resistance of 0.4Ω at 4.5V gate-to-source voltage. On-resistance can also be reduced to half by connecting both MOSFETs in parallel.
Improved ESD protection is provided by the gate protection network shown in the schematic diagram.
The MIC94002 is supplied in a low-profile version of the 8-lead SOIC package.
The MIC94002 can be assembled with the body not shorted to the sources for use in analog switch applications. Contact the factory for more information.

Features
• 15V minimum drain-to-source breakdown
• 0.4Ω maximum on-resistance at 4.5V gate-to-source voltage (each MOSFET)
• Functional at 2.7V gate-to-source voltage
• 0.063" maximum height

Applications
• High-side switch
• Power management
• Stepper motor control
• 1.8" PCMCIA disk drive VCC switch




Similar Part No. - MIC94002BLM

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC94001 MICREL-MIC94001 Datasheet
30Kb / 2P
P-Channel MOSFET
MIC94001BLM MICREL-MIC94001BLM Datasheet
30Kb / 2P
P-Channel MOSFET
More results


Similar Description - MIC94002BLM

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2524 MICREL-MIC2524 Datasheet
100Kb / 12P
Quad USB Power Control Switch Not Recommended for New Designs
MIC2525 MICREL-MIC2525 Datasheet
93Kb / 12P
USB Power Control Switch Not Recommended for New Designs
MIC2526 MICREL-MIC2526 Datasheet
95Kb / 12P
Dual USB Power Control Switch Not Recommended for New Designs
MIC5012 MICREL-MIC5012 Datasheet
103Kb / 9P
Dual High- or Low-Side MOSFET Driver Not Recommended for New Designs
MIC2507 MICREL-MIC2507 Datasheet
86Kb / 8P
Quad Integrated High-Side Switch Not Recommended for New Designs
logo
List of Unclassifed Man...
IMST212 ETC1-IMST212 Datasheet
2Mb / 52P
TRANSPUTER RECOMMENDED FOR NEW DESIGNS
logo
Schurter Inc.
PFRX SCHURTER-PFRX Datasheet
332Kb / 3P
On phase-out, not recommended for new designs
logo
Micro Commercial Compon...
SK12-TP MCC-SK12-TP Datasheet
275Kb / 5P
NOT RECOMMENDED FOR NEW DESIGNS
logo
Quantum Research Group
QT118HA-ISG QUANTUM-QT118HA-ISG Datasheet
213Kb / 12P
NOT RECOMMENDED FOR NEW DESIGNS
logo
Cherry Semiconductor Co...
E23-50H CHERRY-E23-50H Datasheet
1Mb / 5P
Not recommended for new designs Please review our D4 series
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com