Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC5388 Datasheet (PDF) - Micrel Semiconductor

MIC5388 Datasheet PDF - Micrel Semiconductor
Part # MIC5388
Download  MIC5388 Download
File Size   582.18 Kbytes
Page   12 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description Dual 200mA Peak LDO in Wafer Level Chip Scale Package

MIC5388 Datasheet (PDF)

Go To PDF Page Download Datasheet
MIC5388 Datasheet PDF - Micrel Semiconductor

Part # MIC5388
Download  MIC5388 Click to download

File Size   582.18 Kbytes
Page   12 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description Dual 200mA Peak LDO in Wafer Level Chip Scale Package

MIC5388 Datasheet (HTML) - Micrel Semiconductor




Similar Part No. - MIC5388

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5380 MICREL-MIC5380 Datasheet
351Kb / 12P
High Performance Dual 150mA LDO 1mm x 1mm Thin MLF
MIC5380-1.8/1.2YFT MICREL-MIC5380-1.8/1.2YFT Datasheet
351Kb / 12P
High Performance Dual 150mA LDO 1mm x 1mm Thin MLF
MIC5380-2.6/2.0YFT MICREL-MIC5380-2.6/2.0YFT Datasheet
351Kb / 12P
High Performance Dual 150mA LDO 1mm x 1mm Thin MLF
MIC5380-2.7/2.7YFT MICREL-MIC5380-2.7/2.7YFT Datasheet
351Kb / 12P
High Performance Dual 150mA LDO 1mm x 1mm Thin MLF
MIC5380-2.8/1.2YFT MICREL-MIC5380-2.8/1.2YFT Datasheet
351Kb / 12P
High Performance Dual 150mA LDO 1mm x 1mm Thin MLF
More results


Similar Description - MIC5388

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV5610IYE TI-TLV5610IYE Datasheet
162Kb / 14P
2.7 V TO 5.5V. 12-AND 10-BIT OCTAL DAC IN WAFER CHIP SCALE PACKAGE
logo
YOBON TECHNOLOGIES,INC.
YB1220 YOBON-YB1220 Datasheet
502Kb / 9P
Dual Channel 200mA LDO Regulator
logo
Micrel Semiconductor
MIC5367 MICREL-MIC5367 Datasheet
403Kb / 11P
High Performance 200mA Peak LDO in 1.6mm x 1.6mm Thin MLF짰
logo
Analog Devices
CB-9-1 AD-CB-9-1 Datasheet
91Kb / 1P
9-Ball Wafer Level Chip Scale Package [WLCSP] Dimensions shown in millimeters
logo
Texas Instruments
TLV5610IYZ TI1-TLV5610IYZ Datasheet
511Kb / 16P
DIGITAL-TO-ANALOG CONVERTER in a Wafer Chip-Scale Package?봒b-Free/Green
TLV5614Y TI1-TLV5614Y Datasheet
231Kb / 24P
2.7-V TO 5.5-V, 12-BIT QUAD DAC IN WAFER CHIP SCALE PACKAGE
logo
AVAGO TECHNOLOGIES LIMI...
VMMK-2103 AVAGO-VMMK-2103 Datasheet
222Kb / 2P
E-pHEMT Amplifier in a Wafer Scale Package (0.5 - 6GHz)
logo
AVG Semiconductors(HITE...
VMMK-2203 AVG-VMMK-2203 Datasheet
221Kb / 2P
E-pHEMT Amplifier in a Wafer Scale Package (1 - 10GHz)
logo
Texas Instruments
TPS79328YZQR TI-TPS79328YZQR Datasheet
891Kb / 20P
ULTRALOW-NOISE, HIGH PSRR, FAST RF 200mA LOW-DROPOUT LINEAR REGULATORS IN NanoStar WAFER CHIP SCALE AND SOT23
TLV5610IYE TI1-TLV5610IYE_16 Datasheet
177Kb / 16P
2.7 V TO 5.5V. 12-AND 10-BIT OCTAL DAC IN WAFER CHIP SCALE PACKAGE
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com