Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS9098P Datasheet (PDF) - Maxim Integrated Products

DS9098P Datasheet PDF - Maxim Integrated Products
Part # DS9098P
Download  DS9098P Download
File Size   275.06 Kbytes
Page   2 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description iButton Retainer

DS9098P Datasheet (PDF)

Go To PDF Page Download Datasheet
DS9098P Datasheet PDF - Maxim Integrated Products

Part # DS9098P
Download  DS9098P Click to download

File Size   275.06 Kbytes
Page   2 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description iButton Retainer

DS9098P Datasheet (HTML) - Maxim Integrated Products


DS9098P Product details

DESCRIPTION

The DS9098P iButton retainer is a low-cost, surface-mount device to secure an F5 iButton on a PCB. It consists of three metal pieces (two for ground, one for data) molded into a body of black, heat-stabilized, glass fiber reinforced liquid crystal polymer. When inserting an iButton into the DS9098P, closely align axis of the iButton and the retainer. The retainer then latches the flange of the iButton. At removal, limit deflection of retainer latches to just free the iButton edge from retained state. Avoid applying excess force to latches.

The DS9098P is only available on tape and reel. The tape specifications match those of 68-lead PLCC devices except for the deeper pockets and tape-feed sprockets on either side of the 44mm tape. Alignment pedestals keep the part oriented on tape with the latches adjacent to the sprockets.



FEATURES

■ Compact Receptacle for F5 iButton® Mounting

■ Fully Backward-Compatible to DS9098

■ Contacts are Stainless Steel with Selective 100% Matte Tin Plating for Optimal Pb-free Solderability to PCB

■ Retainer to iButton Connection is Stainless Steel to Stainless Steel

■ Withstands Up to +250°C for Surface Mounting

■ Double Redundancy of Contacts (2 plus 2)

■ Contact Force Exceeds 2N for Reliable Connection

■ Prevents Reversed Insertion

■ At Insertion, the iButton is Latched for Retention

■ The iButton Pops Up for Removal When Latch is Released

■ Gentle Deflection of Latches Allows Removal of the iButton

■ > 25 Insertion/Withdrawal Cycles with No Performance Degradation

■ Compatible with Standard Pick and Place Equipment

■ Cleaning Fluids Drain Freely for Quick Cleanup



 




Similar Part No. - DS9098P

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS9098P DALLAS-DS9098P Datasheet
58Kb / 1P
iButton Retainer
DS9098P-TRL DALLAS-DS9098P-TRL Datasheet
58Kb / 1P
iButton Retainer
More results


Similar Description - DS9098P

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1904 DALLAS-DS1904 Datasheet
72Kb / 12P
RTC iButton
DS1425 DALLAS-DS1425 Datasheet
19Kb / 2P
Multi iButton
DS1963S DALLAS-DS1963S Datasheet
349Kb / 37P
SHA iButton
DS9098P DALLAS-DS9098P Datasheet
58Kb / 1P
iButton Retainer
DS1921G DALLAS-DS1921G Datasheet
497Kb / 45P
Thermochron iButton
logo
Maxim Integrated Produc...
DS9107 MAXIM-DS9107 Datasheet
143Kb / 3P
iButton Capsule
11/09
DS1921G MAXIM-DS1921G_12 Datasheet
484Kb / 42P
Thermochron iButton
Rev 6; 3/12
DS9092GT MAXIM-DS9092GT Datasheet
167Kb / 3P
iButton Probe
8/09
DS1920 MAXIM-DS1920 Datasheet
531Kb / 22P
Temperature iButton
Rev 8/09
DS9092 MAXIM-DS9092 Datasheet
274Kb / 3P
iButton Probe
8/09
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com