Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IL203 Datasheet (PDF) - Siemens Semiconductor Group

IL203 Datasheet PDF - Siemens Semiconductor Group
Part # IL203
Download  IL203 Download
File Size   69.57 Kbytes
Page   3 Pages
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group
Description PHOTOTRANSISTOR OPTOCOUPLER

IL203 Datasheet (PDF)

Go To PDF Page Download Datasheet
IL203 Datasheet PDF - Siemens Semiconductor Group

Part # IL203
Download  IL203 Click to download

File Size   69.57 Kbytes
Page   3 Pages
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group
Description PHOTOTRANSISTOR OPTOCOUPLER

IL203 Datasheet (HTML) - Siemens Semiconductor Group


IL203 Product details

DESCRIPTION

The IL201/202/203 are optically coupled pairs employing a Gallium Arsenide infrared LED and a Silicon NPN phototransistor. Signal information, including a DC level, can be transmitted by the device while maintaining a high degree of electrical isolation between input and output. The IL201/202/203 can be used to replace relays and transformers in many digital interface applications, as well as analog applications such as CRT modulation.



FEATURES

• High Current Transfer Ratio, 75% to 450%

• Minimum Current Transfer Ratio, 10%

• Guaranteed at IF=1mA

• High Collector-Emitter Voltage, BVCEO=70V

• Long Term Stability

• Industry Standard DIP Package

• Underwriters Lab File #E52744

• VDE 0884 Available with Option 1




Similar Part No. - IL203

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IL203 VISHAY-IL203 Datasheet
124Kb / 7P
Optocoupler, Phototransistor Output, Low Input Current, Low Input Current, with Base Connection
08-May-08
IL203-X007 VISHAY-IL203-X007 Datasheet
124Kb / 7P
Optocoupler, Phototransistor Output, Low Input Current, Low Input Current, with Base Connection
08-May-08
IL203-X009 VISHAY-IL203-X009 Datasheet
124Kb / 7P
Optocoupler, Phototransistor Output, Low Input Current, Low Input Current, with Base Connection
08-May-08
More results


Similar Description - IL203

ManufacturerPart #DatasheetDescription
logo
QT Optoelectronics
MCT2 QT-MCT2 Datasheet
550Kb / 5P
PHOTOTRANSISTOR OPTOCOUPLER
MCT271 QT-MCT271 Datasheet
455Kb / 4P
PHOTOTRANSISTOR OPTOCOUPLER
logo
Siemens Semiconductor G...
IL1 SIEMENS-IL1 Datasheet
81Kb / 5P
PHOTOTRANSISTOR OPTOCOUPLER
IL74 SIEMENS-IL74 Datasheet
85Kb / 4P
PHOTOTRANSISTOR OPTOCOUPLER
ILD615 SIEMENS-ILD615 Datasheet
95Kb / 5P
PHOTOTRANSISTOR OPTOCOUPLER
SFH601G-1 SIEMENS-SFH601G-1 Datasheet
157Kb / 4P
PHOTOTRANSISTOR OPTOCOUPLER
logo
Microsemi Corporation
MXP1158 MICROSEMI-MXP1158 Datasheet
38Kb / 1P
Phototransistor Optocoupler
logo
General Semiconductor
MCT26 GE-MCT26 Datasheet
123Kb / 2P
PHOTOTRANSISTOR OPTOCOUPLER
logo
Fairchild Semiconductor
H11AG1SM FAIRCHILD-H11AG1SM Datasheet
277Kb / 10P
Phototransistor Optocoupler
logo
Vishay Siliconix
VOL628A VISHAY-VOL628A_18 Datasheet
220Kb / 9P
Optocoupler, Phototransistor Output, AC Input, Low Input Current, 4 Pin LSOP, Long Creepage Mini-Flat Package
09-Aug-2018
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com