Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IL212A Datasheet (PDF) - Siemens Semiconductor Group

IL212A Datasheet PDF - Siemens Semiconductor Group
Part # IL212A
Download  IL212A Download
File Size   46.43 Kbytes
Page   3 Pages
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group
Description PHOTOTRANSISTOR SMALL OUTLINE SURFACE MOUNT OPTOCOUPLER

IL212A Datasheet (PDF)

Go To PDF Page Download Datasheet
IL212A Datasheet PDF - Siemens Semiconductor Group

Part # IL212A
Download  IL212A Click to download

File Size   46.43 Kbytes
Page   3 Pages
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group
Description PHOTOTRANSISTOR SMALL OUTLINE SURFACE MOUNT OPTOCOUPLER

IL212A Datasheet (HTML) - Siemens Semiconductor Group


IL212A Product details

DESCRIPTION
The IL211A/212A/213A are optically coupled pairs with a Gallium Arsenide infrared LED and a silicon NPN phototransistor. Signal information, including a DC level, can be transmitted by the device while maintaining a high degree of electrical isolation between input and output. The IL211A//212A/213A comes in a standard SOIC-8 small outline package for surface mounting which makes it ideally suited for high density applications with limited space. In addition to eliminating through-holes requirements, this package conforms to standards for surface mounted devices.

FEATURES
• High Current Transfer Ratio
   IL211A—20% Minimum
   IL212A—50% Minimum
   IL213A—100% Minimum
• Isolation Voltage, 2500 VACRMS
• Electrical Specifications Similar to
   Standard 6 Pin Coupler
• Industry Standard SOIC-8 Surface
   Mountable Package
• Standard Lead Spacing, .05"
• Available in Tape and Reel Option
   (Conforms to EIA Standard RS481A)
• Compatible with Dual Wave, Vapor Phase
   and IR Reflow Soldering
• Underwriters Lab File #E52744
   (Code Letter P)




Similar Part No. - IL212A

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
IL212AT SIEMENS-IL212AT Datasheet
44Kb / 3P
PHOTOTRANSISTOR SMALL OUTLINE SURFACE MOUNT OPTOCOUPLER
logo
Vishay Siliconix
IL212AT VISHAY-IL212AT Datasheet
132Kb / 6P
Optocoupler, Phototransistor Output, With Base Connection in
26-Oct-04
IL212AT VISHAY-IL212AT Datasheet
141Kb / 7P
Optocoupler, Phototransistor Output, with Base Connection in SOIC-8 Package
21-Dec-10
IL212AT VISHAY-IL212AT Datasheet
138Kb / 7P
Optocoupler, Phototransistor Output, with Base Connection in SOIC-8 Package
21-Dec-10
IL212AT VISHAY-IL212AT Datasheet
138Kb / 7P
Optocoupler, Phototransistor Output, with Base Connection in SOIC-8 Package
21-Dec-10
More results


Similar Description - IL212A

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
IL205A SIEMENS-IL205A Datasheet
46Kb / 3P
SMALL OUTLINE SURFACE MOUNT PHOTOTRANSISTOR OPTOCOUPLER
IL205AT SIEMENS-IL205AT Datasheet
87Kb / 3P
PHOTOTRANSISTOR SMALL OUTLINE SURFACE MOUNT OPTOCOUPLER
IL211AT SIEMENS-IL211AT Datasheet
44Kb / 3P
PHOTOTRANSISTOR SMALL OUTLINE SURFACE MOUNT OPTOCOUPLER
IL215A SIEMENS-IL215A Datasheet
70Kb / 3P
PHOTOTRANSISTOR SMALL OUTLINE SURFACE MOUNT OPTOCOUPLER
IL215AT SIEMENS-IL215AT Datasheet
66Kb / 3P
PHOTOTRANSISTOR SMALL OUTLINE SURFACE MOUNT OPTOCOUPLER
IL221A SIEMENS-IL221A Datasheet
53Kb / 3P
PHOTODARLINGTON SMALL OUTLINE SURFACE MOUNT OPTOCOUPLER
IL221AT SIEMENS-IL221AT Datasheet
54Kb / 3P
PHOTODARLINGTON SMALL OUTLINE SURFACE MOUNT OPTOCOUPLER
IL256A SIEMENS-IL256A Datasheet
71Kb / 3P
AC INPUT PHOTOTRANSISTOR SMALL OUTLINE SURFACE MOUNT OPTOCOUPLER
ILD205 SIEMENS-ILD205 Datasheet
53Kb / 2P
DUAL PHOTOTRANSISTOR SMALL OUTLINE SURFACE MOUNT OPTOCOUPLER
ILD256 SIEMENS-ILD256 Datasheet
72Kb / 3P
DUAL AC INPUT PHOTOTRANSISTOR SMALL OUTLINE SURFACE MOUNT OPTOCOUPLER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com