Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IL400 Datasheet (PDF) - Siemens Semiconductor Group

IL400 Datasheet PDF - Siemens Semiconductor Group
Part # IL400
Download  IL400 Download
File Size   21.09 Kbytes
Page   1 Pages
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group
Description PHOTO SCR OPTOCOUPLER

IL400 Datasheet (PDF)

Go To PDF Page Download Datasheet
IL400 Datasheet PDF - Siemens Semiconductor Group

Part # IL400
Download  IL400 Click to download

File Size   21.09 Kbytes
Page   1 Pages
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group
Description PHOTO SCR OPTOCOUPLER

IL400 Datasheet (HTML) - Siemens Semiconductor Group


IL400 Product details

DESCRIPTION

The IL400 is an optically coupled SCR with a Gallium Arsenide infrared emitter and a silicon photo SCR sensor. Switching can be achieved while maintaining a high degree of isolation between triggering and load circuits. The IL400 can be used in SCR triac and solid state relay applications where high blocking voltages and low input current sensitivity are required.



FEATURES

• Turn On Current (IFT), 5.0 mA Typical

• Gate Trigger Current (IGT), 20 µA

• Surge Anode Current, 1.0 Amp

• Blocking Voltage, 400 V

• Gate Trigger Voltage (VGT), 0.6 Volt

• Isolation Voltage, 5300 VACRMS

• Solid State Reliability

• Standard DIP Package

• Underwriters Lab File #E52744




Similar Part No. - IL400

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IL400 VISHAY-IL400 Datasheet
92Kb / 4P
Optocoupler, PhotoSCR Output, 400 VRM, 1 A surge current
26-Oct-04
IL400-X007 VISHAY-IL400-X007 Datasheet
92Kb / 4P
Optocoupler, PhotoSCR Output, 400 VRM, 1 A surge current
26-Oct-04
IL400-X009 VISHAY-IL400-X009 Datasheet
92Kb / 4P
Optocoupler, PhotoSCR Output, 400 VRM, 1 A surge current
26-Oct-04
More results


Similar Description - IL400

ManufacturerPart #DatasheetDescription
logo
QT Optoelectronics
4N39 QT-4N39 Datasheet
420Kb / 5P
PHOTO SCR OPTOCOUPLERS
H11C1 QT-H11C1 Datasheet
415Kb / 5P
photo scr optocouplers
logo
Siemens Semiconductor G...
4N39 SIEMENS-4N39 Datasheet
21Kb / 1P
PHOTO SCR OPTOCOUPLER
logo
Fairchild Semiconductor
4N39 FAIRCHILD-4N39 Datasheet
171Kb / 8P
PHOTO SCR OPTOCOUPLERS
H11C1 FAIRCHILD-H11C1 Datasheet
589Kb / 11P
PHOTO SCR OPTOCOUPLERS
logo
Microsemi Corporation
MXP1017 MICROSEMI-MXP1017 Datasheet
38Kb / 1P
Photo SCR
MXP1018-C MICROSEMI-MXP1018-C Datasheet
36Kb / 1P
Photo SCR Chip
logo
NEC
PS3001 NEC-PS3001 Datasheet
92Kb / 3P
PHOTO SCR COUPLER
logo
Central Semiconductor C...
H11C4M CENTRAL-H11C4M Datasheet
213Kb / 2P
PHOTO SCR OPTOCOUPLER
logo
New Jersey Semi-Conduct...
H11C1 NJSEMI-H11C1 Datasheet
44Kb / 1P
Photo SCR
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com