Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IL400 Datasheet (PDF) - Vishay Siliconix

IL400 Datasheet PDF - Vishay Siliconix
Part # IL400
Download  IL400 Download
File Size   92.32 Kbytes
Page   4 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Optocoupler, PhotoSCR Output, 400 VRM, 1 A surge current

IL400 Datasheet (PDF)

Go To PDF Page Download Datasheet
IL400 Datasheet PDF - Vishay Siliconix

Part # IL400
Download  IL400 Click to download

File Size   92.32 Kbytes
Page   4 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Optocoupler, PhotoSCR Output, 400 VRM, 1 A surge current

IL400 Datasheet (HTML) - Vishay Siliconix


IL400 Product details

Description

The IL400 is an optically coupled SCR with a gallium arsenide infrared emitter and a silicon photo SCR sensor. Switching can be achieved while maintaining a high degree of isolation between triggering and load circuits. The IL400 can be used in SCR triac and solid state relay applications where high blocking voltages and low input current sensitivy are required.



Features

• Turn on current (IFT), 5.0 mA typical

• Gate trigger current (IGT), 20 µA

• Surge anode current, 1.0 AMP

• Blocking voltage, 400 V

• Gate trigger voltage (VGT), 0.6 Volt

• Isolation Test Voltage, 5300 VRMS

• Solid State Reliability

• Standard DIP Package

• Lead-free component

• Component in accordance to RoHS 2002/95/EC and WEEE 2002/96/EC




Similar Part No. - IL400

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
IL400 SIEMENS-IL400 Datasheet
21Kb / 1P
PHOTO SCR OPTOCOUPLER
More results


Similar Description - IL400

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HCPL-3020 ETC1-HCPL-3020 Datasheet
73Kb / 1P
0.2 A Output Current Gate Drive Optocoupler
logo
Vishay Siliconix
H11C4 VISHAY-H11C4 Datasheet
95Kb / 5P
Optocoupler, PhotoSCR Output, 400 V VRM, 5 A surge current
26-Oct-04
K3020P VISHAY-K3020P_05 Datasheet
196Kb / 10P
Optocoupler, Phototriac Output, 400 V VDRM
26-Oct-04
VO3020 VISHAY-VO3020 Datasheet
183Kb / 8P
Optocoupler, Phototriac Output, 400 VDRM
09-Sep-13
K3020P VISHAY-K3020P_16 Datasheet
152Kb / 7P
Optocoupler, Phototriac Output, Non-Zero Crossing, 400 VDRM
30-Aug-16
logo
ON Semiconductor
FOD8314 ONSEMI-FOD8314 Datasheet
434Kb / 20P
1.0 A Output Current, Gate Drive Optocoupler
March 2016 Rev. 1.1
FOD8342 ONSEMI-FOD8342 Datasheet
444Kb / 21P
3.0 A Output Current, High Speed Gate Drive Optocoupler
March 2016 Rev. 1.1
FOD8343 ONSEMI-FOD8343 Datasheet
704Kb / 20P
4.0 A Output Current, High Speed Gate Drive Optocoupler
May 2017 Rev. 1.0
FOD3125 ONSEMI-FOD3125 Datasheet
301Kb / 18P
High Temperature, 2.5 A Output Current, Gate Drive Optocoupler
March, 2020 ??Rev. 2
logo
Vishay Siliconix
VO3021 VISHAY-VO3021_V01 Datasheet
203Kb / 11P
Optocoupler, Phototriac Output, 400 VDRM
18-Jan-2022
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com