Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1N70ZG-T92-R Datasheet (PDF) - Unisonic Technologies

1N70ZG-T92-R Datasheet PDF - Unisonic Technologies
Part # 1N70ZG-T92-R
Download  1N70ZG-T92-R Download
File Size   310.46 Kbytes
Page   7 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description 1.2A, 700V N-CHANNEL POWER MOSFET

1N70ZG-T92-R Datasheet (PDF)

Go To PDF Page Download Datasheet
1N70ZG-T92-R Datasheet PDF - Unisonic Technologies

Part # 1N70ZG-T92-R
Download  1N70ZG-T92-R Click to download

File Size   310.46 Kbytes
Page   7 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description 1.2A, 700V N-CHANNEL POWER MOSFET

1N70ZG-T92-R Datasheet (HTML) - Unisonic Technologies


1N70ZG-T92-R Product details

■ DESCRIPTION

The UTC 1N70Z is a high voltage MOSFET designed to have better characteristics, such as fast switching time, low gate charge, low on-state resistance and high rugged avalanche characteristics. This power MOSFET is usually used at high speed switching applications in power supplies, PWM motor controls, high efficient DC to DC converters and bridge circuits.



■ FEATURES

* RDS(ON) =13.5Ω@VGS = 10V.

* Ultra Low gate charge (typical 5.0nC)

* Low reverse transfer capacitance (CRSS = typical 3.0 pF)

* Fast switching capability

* Avalanche energy specified

* Improved dv/dt capability, high ruggedness



 




Similar Part No. - 1N70ZG-T92-R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1N70 ETC-1N70 Datasheet
2Mb / 78P
GOLD BONDED DIODES
logo
Unisonic Technologies
1N70 UTC-1N70 Datasheet
217Kb / 8P
1.2 Amps, 700 Volts N-CHANNEL MOSFET
1N70 UTC-1N70 Datasheet
312Kb / 8P
1.2A, 700V N-CHANNEL POWER MOSFET
1N70-T92-B UTC-1N70-T92-B Datasheet
217Kb / 8P
1.2 Amps, 700 Volts N-CHANNEL MOSFET
1N70-T92-K UTC-1N70-T92-K Datasheet
217Kb / 8P
1.2 Amps, 700 Volts N-CHANNEL MOSFET
More results


Similar Description - 1N70ZG-T92-R

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSM2N70 TSC-TSM2N70 Datasheet
211Kb / 7P
700V N-Channel Power MOSFET
TSM8N70 TSC-TSM8N70 Datasheet
476Kb / 8P
700V N-Channel Power MOSFET
TSM2N70 TSC-TSM2N70_11 Datasheet
442Kb / 10P
700V N-Channel Power MOSFET
logo
Unisonic Technologies
1N70 UTC-1N70_11 Datasheet
312Kb / 8P
1.2A, 700V N-CHANNEL POWER MOSFET
5N70K UTC-5N70K Datasheet
211Kb / 6P
5A, 700V N-CHANNEL POWER MOSFET
10N70Z UTC-10N70Z Datasheet
209Kb / 6P
10A, 700V N-CHANNEL POWER MOSFET
logo
Taiwan Semiconductor Co...
TSM8N70 TSC-TSM8N70_12 Datasheet
3Mb / 8P
700V N-Channel Power MOSFET
logo
DIYI Electronic Technol...
6N70 DYELEC-6N70 Datasheet
2Mb / 8P
700V N-Channel Power MOSFET
7N70 DYELEC-7N70 Datasheet
2Mb / 7P
700V N-Channel Power MOSFET
7N70L DYELEC-7N70L Datasheet
2Mb / 6P
700V N-Channel Power MOSFET
More results




About Unisonic Technologies


Unisonic Technologies is a Taiwanese semiconductor company that specializes in the design, manufacture, and sales of power management and analog integrated circuits (ICs). The company was founded in 1980 and has a global presence, with offices and facilities in Asia, Europe, and the Americas.

Unisonic Technologies provides a wide range of products and solutions, including power management ICs, linear voltage regulators, and motor control ICs. The company's products are used in a variety of applications, including consumer electronics, automotive, industrial, and telecommunications. Unisonic Technologies is known for its expertise in power management technology and its ability to provide high-performance and cost-effective solutions to its customers.

In recent years, Unisonic Technologies has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and smart energy markets. The company is committed to innovation and research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Unisonic Technologies is a recognized leader in the power management and analog ICs market and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com