Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N60LL-TM3-T Datasheet (PDF) - Unisonic Technologies

2N60LL-TM3-T Datasheet PDF - Unisonic Technologies
Part # 2N60LL-TM3-T
Download  2N60LL-TM3-T Download
File Size   190.22 Kbytes
Page   6 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description 2A, 600V N-CHANNEL POWER MOSFET

2N60LL-TM3-T Datasheet (PDF)

Go To PDF Page Download Datasheet
2N60LL-TM3-T Datasheet PDF - Unisonic Technologies

Part # 2N60LL-TM3-T
Download  2N60LL-TM3-T Click to download

File Size   190.22 Kbytes
Page   6 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description 2A, 600V N-CHANNEL POWER MOSFET

2N60LL-TM3-T Datasheet (HTML) - Unisonic Technologies


2N60LL-TM3-T Product details

The UTC 2N60 is a high voltage MOSFET and is designed to have better characteristics, such as fast switching time, low gate charge, low on-state resistance and have a high rugged avalanche characteristics. This power MOSFET is usually used at high speed switching applications in power upplies, PWM motor controls, high efficient DC to DC converters and bridge circuits.



FEATURES

* RDS(ON) = 5Ω@VGS= 10V

* Ultra Low gate charge (typical 9.0nC)

* Low reverse transfer capacitance (CRSS= typical 5.0 pF)

* Fast switching capability

* Avalanche energy specified

* Improved dv/dt capability, high ruggedness




Similar Part No. - 2N60LL-TM3-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
2N60LL-TM3-T UTC-2N60LL-TM3-T Datasheet
235Kb / 7P
N-CHANNEL POWER MOSFET
logo
VBsemi Electronics Co.,...
2N60LL-TM3-T VBSEMI-2N60LL-TM3-T Datasheet
1Mb / 9P
N-Channel 650V (D-S) Power MOSFET
More results


Similar Description - 2N60LL-TM3-T

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOD2N60 AOSMD-AOD2N60 Datasheet
148Kb / 6P
2A, 600V N-Channel MOSFET
logo
Unisonic Technologies
2N60 UTC-2N60_12 Datasheet
245Kb / 6P
2A, 600V N-CHANNEL POWER MOSFET
logo
Advanced Monolithic Sys...
AMS2N60 AMS-AMS2N60 Datasheet
325Kb / 6P
2A, 600V N-CHANNEL POWER MOSFET
logo
Unisonic Technologies
2N60Z UTC-2N60Z Datasheet
239Kb / 6P
2A, 600V N-CHANNEL POWER MOSFET
2N60ZL UTC-2N60ZL Datasheet
219Kb / 6P
2A, 600V N-CHANNEL POWER MOSFET
logo
Alpha & Omega Semicondu...
AOT2N60 AOSMD-AOT2N60_10 Datasheet
165Kb / 6P
600V,2A N-Channel MOSFET
logo
Unisonic Technologies
2N60 UTC-2N60_14 Datasheet
280Kb / 7P
2A, 600V N-CHANNEL POWER MOSFET
2N60K UTC-2N60K Datasheet
226Kb / 6P
2A, 600V N-CHANNEL POWER MOSFET
logo
First Components Intern...
IRF2N60 FCI-IRF2N60 Datasheet
101Kb / 3P
2A 600V N CHANNEL POWER MOSFET
logo
Alpha & Omega Semicondu...
AOY2N60 AOSMD-AOY2N60 Datasheet
400Kb / 6P
600V,2A N-Channel MOSFET
More results




About Unisonic Technologies


Unisonic Technologies is a Taiwanese semiconductor company that specializes in the design, manufacture, and sales of power management and analog integrated circuits (ICs). The company was founded in 1980 and has a global presence, with offices and facilities in Asia, Europe, and the Americas.

Unisonic Technologies provides a wide range of products and solutions, including power management ICs, linear voltage regulators, and motor control ICs. The company's products are used in a variety of applications, including consumer electronics, automotive, industrial, and telecommunications. Unisonic Technologies is known for its expertise in power management technology and its ability to provide high-performance and cost-effective solutions to its customers.

In recent years, Unisonic Technologies has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and smart energy markets. The company is committed to innovation and research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Unisonic Technologies is a recognized leader in the power management and analog ICs market and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com