Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N7002L-AE2-R Datasheet (PDF) - Unisonic Technologies

2N7002L-AE2-R Datasheet PDF - Unisonic Technologies
Part # 2N7002L-AE2-R
Download  2N7002L-AE2-R Download
File Size   286.68 Kbytes
Page   6 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description 0.3A, 60V N-CHANNEL POWER MOSFET

2N7002L-AE2-R Datasheet (PDF)

Go To PDF Page Download Datasheet
2N7002L-AE2-R Datasheet PDF - Unisonic Technologies

Part # 2N7002L-AE2-R
Download  2N7002L-AE2-R Click to download

File Size   286.68 Kbytes
Page   6 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description 0.3A, 60V N-CHANNEL POWER MOSFET

2N7002L-AE2-R Datasheet (HTML) - Unisonic Technologies




Similar Part No. - 2N7002L-AE2-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
2N7002L-AE2-R UTC-2N7002L-AE2-R Datasheet
291Kb / 6P
0.3 Amps, 60 Volts N-CHANNEL POWER MOSFET
More results


Similar Description - 2N7002L-AE2-R

ManufacturerPart #DatasheetDescription
logo
E-CMOS Corporation
EC732N7002K E-CMOS-EC732N7002K Datasheet
640Kb / 7P
60V, 0.3A N-Channel MOSFET
EC732N7002KB E-CMOS-EC732N7002KB Datasheet
267Kb / 6P
60V, 0.3A N-Channel MOSFET
EC732N7002KU E-CMOS-EC732N7002KU Datasheet
270Kb / 6P
60V, 0.3A N-Channel MOSFET
logo
Will Semiconductor Ltd.
WNM7002 WILLSEMI-WNM7002 Datasheet
821Kb / 8P
Single N-Channel, 60V, 0.3A, Power MOSFET
logo
Torex Semiconductor
XP222N0301TR-G TOREX-XP222N0301TR-G Datasheet
403Kb / 6P
N-channel MOSFET 20V, 0.3A
XP232N0301TR-G TOREX-XP232N0301TR-G Datasheet
302Kb / 6P
N-channel MOSFET 30V, 0.3A
XP232N03017R-G TOREX-XP232N03017R-G Datasheet
406Kb / 6P
N-channel MOSFET 30V, 0.3A
XP262N7002TR-G TOREX-XP262N7002TR-G Datasheet
321Kb / 6P
N-channel MOSFET 60V, 0.3A
XP262N70023R-G TOREX-XP262N70023R-G Datasheet
398Kb / 6P
N-channel MOSFET 60V, 0.3A
XP264N0301TR-G TOREX-XP264N0301TR-G Datasheet
263Kb / 6P
N-channel MOSFET 60V, 0.3A
More results




About Unisonic Technologies


Unisonic Technologies is a Taiwanese semiconductor company that specializes in the design, manufacture, and sales of power management and analog integrated circuits (ICs). The company was founded in 1980 and has a global presence, with offices and facilities in Asia, Europe, and the Americas.

Unisonic Technologies provides a wide range of products and solutions, including power management ICs, linear voltage regulators, and motor control ICs. The company's products are used in a variety of applications, including consumer electronics, automotive, industrial, and telecommunications. Unisonic Technologies is known for its expertise in power management technology and its ability to provide high-performance and cost-effective solutions to its customers.

In recent years, Unisonic Technologies has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and smart energy markets. The company is committed to innovation and research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Unisonic Technologies is a recognized leader in the power management and analog ICs market and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com