Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N7002L-AE2-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # 2N7002L-AE2-R
Description  0.3A, 60V N-CHANNEL POWER MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

2N7002L-AE2-R Datasheet(HTML) 1 Page - Unisonic Technologies

  2N7002L-AE2-R Datasheet HTML 1Page - Unisonic Technologies 2N7002L-AE2-R Datasheet HTML 2Page - Unisonic Technologies 2N7002L-AE2-R Datasheet HTML 3Page - Unisonic Technologies 2N7002L-AE2-R Datasheet HTML 4Page - Unisonic Technologies 2N7002L-AE2-R Datasheet HTML 5Page - Unisonic Technologies 2N7002L-AE2-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
UNISONIC TECHNOLOGIES CO., LTD
2N7002
Power MOSFET
www.unisonic.com.tw
1 of 6
Copyright © 2012 Unisonic Technologies Co., Ltd
QW-R206-037,K
0.3A, 60V
N-CHANNEL
POWER MOSFET
DESCRIPTION
The UTC 2N7002 uses advanced technology to provide
excellent RDS(ON), low gate charge and operation with low gate
voltages. This device is suitable for use as a load switch or in PWM
applications.
FEATURES
* High Density Cell Design for Low RDS(ON).
* Voltage Controlled Small Signal Switch
* Rugged and Reliable
* High Saturation Current Capability
SYMBOL
ORDERING INFORMATION
Ordering Number
Package
Pin Assignment
Packing
Lead Free
Halogen Free
1
2
3
2N7002L-AE2-R
2N7002G-AE2-R
SOT-23-3
S
G
D
Tape Reel
MARKING
3P
G: Halogen Free
L: Lead Free


Similar Part No. - 2N7002L-AE2-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
2N7002L-AE2-R UTC-2N7002L-AE2-R Datasheet
291Kb / 6P
0.3 Amps, 60 Volts N-CHANNEL POWER MOSFET
More results

Similar Description - 2N7002L-AE2-R

ManufacturerPart #DatasheetDescription
logo
E-CMOS Corporation
EC732N7002K E-CMOS-EC732N7002K Datasheet
640Kb / 7P
60V, 0.3A N-Channel MOSFET
EC732N7002KB E-CMOS-EC732N7002KB Datasheet
267Kb / 6P
60V, 0.3A N-Channel MOSFET
EC732N7002KU E-CMOS-EC732N7002KU Datasheet
270Kb / 6P
60V, 0.3A N-Channel MOSFET
logo
Will Semiconductor Ltd.
WNM7002 WILLSEMI-WNM7002 Datasheet
821Kb / 8P
Single N-Channel, 60V, 0.3A, Power MOSFET
logo
Torex Semiconductor
XP222N0301TR-G TOREX-XP222N0301TR-G Datasheet
403Kb / 6P
N-channel MOSFET 20V, 0.3A
XP232N0301TR-G TOREX-XP232N0301TR-G Datasheet
302Kb / 6P
N-channel MOSFET 30V, 0.3A
XP232N03017R-G TOREX-XP232N03017R-G Datasheet
406Kb / 6P
N-channel MOSFET 30V, 0.3A
XP262N7002TR-G TOREX-XP262N7002TR-G Datasheet
321Kb / 6P
N-channel MOSFET 60V, 0.3A
XP262N70023R-G TOREX-XP262N70023R-G Datasheet
398Kb / 6P
N-channel MOSFET 60V, 0.3A
XP264N0301TR-G TOREX-XP264N0301TR-G Datasheet
263Kb / 6P
N-channel MOSFET 60V, 0.3A
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com