Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N7002W Datasheet (PDF) - Unisonic Technologies

2N7002W Datasheet PDF - Unisonic Technologies
Part # 2N7002W_12
Download  2N7002W Download
File Size   158.68 Kbytes
Page   3 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description 300mA, 60V N-CHANNEL POWER MOSFET

2N7002W Datasheet (PDF)

Go To PDF Page Download Datasheet
2N7002W Datasheet PDF - Unisonic Technologies

Part # 2N7002W_12
Download  2N7002W Click to download

File Size   158.68 Kbytes
Page   3 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description 300mA, 60V N-CHANNEL POWER MOSFET

2N7002W Datasheet (HTML) - Unisonic Technologies




Similar Part No. - 2N7002W_12

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2N7002W ONSEMI-2N7002W_12 Datasheet
108Kb / 5P
Small Signal MOSFET 60 V, 340 mA, Single, N.Channel, SC.70
September, 2012 ??Rev. 5
More results


Similar Description - 2N7002W_12

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
2N7002DW UTC-2N7002DW_12 Datasheet
291Kb / 6P
300mA, 60V DUAL N-CHANNEL POWER MOSFET
2N7002K UTC-2N7002K_12 Datasheet
164Kb / 3P
300mA, 60V N-CHANNEL ENHANCEMENT MODE MOSFET
2N7002T UTC-2N7002T_12 Datasheet
162Kb / 3P
300mA, 60V N-CHANNEL POWER MOSFET
2N7002Z UTC-2N7002Z_12 Datasheet
183Kb / 4P
300mA, 60V N-CHANNEL ENHANCEMENT MODE POWER MOSFET
2N7002ZDW UTC-2N7002ZDW_12 Datasheet
177Kb / 3P
300mA, 60V DUAL N-CHANNEL ENHANCEMENT MODE POWER MOSFET
2N7002ZT UTC-2N7002ZT_12 Datasheet
164Kb / 3P
300mA, 60V DUAL N-CHANNEL ENHANCEMENT MODE POWER MOSFET
2N7002ZW UTC-2N7002ZW_12 Datasheet
164Kb / 3P
300mA, 60V DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Central Semiconductor C...
CMPDM7002AE CENTRAL-CMPDM7002AE Datasheet
1Mb / 2P
60V, 300mA N-Channel MOSFET in SOT-23 package
logo
Taiwan Semiconductor Co...
TSM230N06PQ56 TSC-TSM230N06PQ56 Datasheet
783Kb / 6P
60V N-Channel Power MOSFET
logo
Central Semiconductor C...
PB_CEDM7002AE-1509 CENTRAL-PB_CEDM7002AE-1509 Datasheet
1Mb / 2P
60V, 300mA N-Channel MOSFET
More results




About Unisonic Technologies


Unisonic Technologies is a Taiwanese semiconductor company that specializes in the design, manufacture, and sales of power management and analog integrated circuits (ICs). The company was founded in 1980 and has a global presence, with offices and facilities in Asia, Europe, and the Americas.

Unisonic Technologies provides a wide range of products and solutions, including power management ICs, linear voltage regulators, and motor control ICs. The company's products are used in a variety of applications, including consumer electronics, automotive, industrial, and telecommunications. Unisonic Technologies is known for its expertise in power management technology and its ability to provide high-performance and cost-effective solutions to its customers.

In recent years, Unisonic Technologies has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and smart energy markets. The company is committed to innovation and research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Unisonic Technologies is a recognized leader in the power management and analog ICs market and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com