Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IL766B Datasheet (PDF) - Siemens Semiconductor Group

IL766B Datasheet PDF - Siemens Semiconductor Group
Part # IL766B
Download  IL766B Download
File Size   21.0 Kbytes
Page   1 Pages
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group
Description BIDIRECTIONAL INPUT OPTOCOUPLER

IL766B Datasheet (PDF)

Go To PDF Page Download Datasheet
IL766B Datasheet PDF - Siemens Semiconductor Group

Part # IL766B
Download  IL766B Click to download

File Size   21.0 Kbytes
Page   1 Pages
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group
Description BIDIRECTIONAL INPUT OPTOCOUPLER

IL766B Datasheet (HTML) - Siemens Semiconductor Group


IL766B Product details

DESCRIPTION
The IL766B is a bidirectional input, optically coupled isolator consisting of two Gallium Arsenide infrared emitters and a silicon photodarlington sensor.

FEATURES
• Very High Current Transfer Ratio
    IL766B-1: 400% at IF=1 mA, VCE=5 V
    IL766B-2: 900% at IF=0.5 mA, VCE=5 V
• Internal RBE for Better Stability
• BVCEO >60 V
• Isolation Test Voltage, 5300 VACRMS
• AC or Polarity Insensitive Inputs
• No Base Connection
• High Insulation Resistance, 1011Ω Typical
• Standard Plastic DIP Package
• Underwriters Lab File #E52744




Similar Part No. - IL766B

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IL766B VISHAY-IL766B Datasheet
101Kb / 5P
Optocoupler, Photodarlington Output, AC Input, Internal RBE
09-Nov-05
IL766B-1 VISHAY-IL766B-1 Datasheet
101Kb / 5P
Optocoupler, Photodarlington Output, AC Input, Internal RBE
09-Nov-05
IL766B-2 VISHAY-IL766B-2 Datasheet
101Kb / 5P
Optocoupler, Photodarlington Output, AC Input, Internal RBE
09-Nov-05
IL766B-2X006 VISHAY-IL766B-2X006 Datasheet
101Kb / 5P
Optocoupler, Photodarlington Output, AC Input, Internal RBE
09-Nov-05
More results


Similar Description - IL766B

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
IL250 SIEMENS-IL250 Datasheet
76Kb / 3P
BIDIRECTIONAL INPUT OPTOCOUPLER
IL255 SIEMENS-IL255 Datasheet
81Kb / 2P
BIDIRECTIONAL INPUT OPTOCOUPLER
IL755 SIEMENS-IL755 Datasheet
54Kb / 3P
BIDIRECTIONAL INPUT DARLINGTON OPTOCOUPLER
IL755B SIEMENS-IL755B Datasheet
42Kb / 2P
BIDIRECTIONAL INPUT DARLINGTON OPTOCOUPLER
ILD255 SIEMENS-ILD255 Datasheet
77Kb / 2P
BIDIRECTIONAL INPUT OPTOCOUPLER
logo
Solid State Optronic
SDD601 SSOUSA-SDD601 Datasheet
339Kb / 4P
DC Input Optocoupler
logo
Clare, Inc.
LDA110 CLARE-LDA110_1 Datasheet
116Kb / 5P
Bidirectional Input, Darlington Transistor Output Optocoupler
logo
IXYS Corporation
LDA100 IXYS-LDA100 Datasheet
120Kb / 6P
Optocoupler, Bidirectional Input Single-Transistor Output
LDA110 IXYS-LDA110 Datasheet
118Kb / 6P
Optocoupler, Bidirectional Input Darlington-Transistor Output
logo
Broadcom Corporation.
ACSL-7210 BOARDCOM-ACSL-7210 Datasheet
537Kb / 10P
Dual-Channel (Bidirectional) 25-MBd CMOS Buffered Input Digital Optocoupler
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com