Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IL766B Datasheet(PDF) 1 Page - Siemens Semiconductor Group

Part # IL766B
Description  BIDIRECTIONAL INPUT OPTOCOUPLER
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

IL766B Datasheet(HTML) 1 Page - Siemens Semiconductor Group

  IL766B Datasheet HTML 1Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
5–1
FEATURES
• Very High Current Transfer Ratio
IL766B-1: 400% at IF=1 mA, VCE=5 V
IL766B-2: 900% at IF=0.5 mA, VCE=5 V
• Internal RBE for Better Stability
•BVCEO >60 V
•
Isolation Test Voltage, 5300 VACRMS
• AC or Polarity Insensitive Inputs
• No Base Connection
•
High Insulation Resistance, 1011
Ω
Typical
•
Standard Plastic DIP Package
• Underwriters Lab File #E52744
DESCRIPTION
The IL766B is a bidirectional input, optically cou-
pled isolator consisting of two Gallium Arsenide
infrared emitters and a silicon photodarlington
sensor.
Maximum Ratings (at 25
°C)
Emitter (Drive Circuit)
Continuous Forward Current .........................60 mA
Power Dissipation at 25
°C..........................200 mW
Derate Linearly from 55
°C......................2.6 mW/°C
Detector (Load Circuit)
Collector-Emitter Breakdown Voltage.............. 60 V
Collector-Base Breakdown Voltage................. 70 V
Power Dissipation at 25
°C Ambient ...........200 mW
Derate Linearly from 25
°C......................2.6 mW/°C
Package
UL Isolation Test Voltage
(t=1 sec.) ....................................... 5300 VACRMS
Dissipation at 25
°C.....................................250 mW
Derate Linearly from 25
°C .....................3.3 mW/°C
Creepage ................................................ 7 min mm
Clearance................................................ 7 min mm
Isolation Resistance
VIO=500 V, TA=25°C ................................. 10
12
Ω
VIO=500 V, TA=100°C ............................... 10
11
Ω
Storage Temperature................... –55
°C to +150°C
Operating Temperature ................–55
°C to +100°C
Lead Soldering Time at 260
°C .................... 10 sec.
Characteristics (TA=25°C)
Symbol
Min.
Typ.
Max.
Unit
Condition
Emitter
Forward Voltage
VF
1.25
1.5
V
IF=±10 mA
Detector
Breakdown Voltage
Collector-Emitter
BVCEO
60
V
IC=1 mA,
IF=0
Leakage Current
Collector-Emitter
ICEO
1.0
100
nA
VCE=10 V,
IF=0
Package
Current Transfer
Ratio
CTR
IL766B-1
400
%
IF=±1 mA,
VCE=5 V
IL766B-2
900
%
IF=±0.5 mA,
VCE=5 V
Saturation Voltage,
Collector-Emitter
VCEsat
1.0
V
IC=10 mA,
IF=±10 mA
Turn-On,Turn-Off
Time
ton, toff
200
µsV
CC=5 V,
IF=±2 mA,
RL=100 Ω
Dimensions in inches (mm)
1
2
3
6
5
4
NC
NC
Collector
Emitter
Anode/
Cathode
.010 (.25)
.014 (.35)
.110 (2.79)
.150 (3.81)
.130 (3.30)
.150 (3.81)
.020 (.051) Min.
.300 (7.62)
Typ.
.031 (0.80)
.035 (0.90)
.100 (2.54) Typ.
.039
(1.00)
Min.
.018 (0.45)
.022 (0.55)
.248 (6.30)
.256 (6.50)
.335 (8.50)
.343 (8.70)
Pin One ID.
6
5
4
1
2
3
18
° Typ.
.300 (7.62)
.347 (8.82)
4
°
Typ.
Cathode/
Anode
IL766B
BIDIRECTIONAL INPUT
OPTOCOUPLER


Similar Part No. - IL766B

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IL766B VISHAY-IL766B Datasheet
101Kb / 5P
Optocoupler, Photodarlington Output, AC Input, Internal RBE
09-Nov-05
IL766B-1 VISHAY-IL766B-1 Datasheet
101Kb / 5P
Optocoupler, Photodarlington Output, AC Input, Internal RBE
09-Nov-05
IL766B-2 VISHAY-IL766B-2 Datasheet
101Kb / 5P
Optocoupler, Photodarlington Output, AC Input, Internal RBE
09-Nov-05
IL766B-2X006 VISHAY-IL766B-2X006 Datasheet
101Kb / 5P
Optocoupler, Photodarlington Output, AC Input, Internal RBE
09-Nov-05
More results

Similar Description - IL766B

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
IL250 SIEMENS-IL250 Datasheet
76Kb / 3P
BIDIRECTIONAL INPUT OPTOCOUPLER
IL255 SIEMENS-IL255 Datasheet
81Kb / 2P
BIDIRECTIONAL INPUT OPTOCOUPLER
IL755 SIEMENS-IL755 Datasheet
54Kb / 3P
BIDIRECTIONAL INPUT DARLINGTON OPTOCOUPLER
IL755B SIEMENS-IL755B Datasheet
42Kb / 2P
BIDIRECTIONAL INPUT DARLINGTON OPTOCOUPLER
ILD255 SIEMENS-ILD255 Datasheet
77Kb / 2P
BIDIRECTIONAL INPUT OPTOCOUPLER
logo
Solid State Optronic
SDD601 SSOUSA-SDD601 Datasheet
339Kb / 4P
DC Input Optocoupler
logo
Clare, Inc.
LDA110 CLARE-LDA110_1 Datasheet
116Kb / 5P
Bidirectional Input, Darlington Transistor Output Optocoupler
logo
IXYS Corporation
LDA100 IXYS-LDA100 Datasheet
120Kb / 6P
Optocoupler, Bidirectional Input Single-Transistor Output
LDA110 IXYS-LDA110 Datasheet
118Kb / 6P
Optocoupler, Bidirectional Input Darlington-Transistor Output
logo
Broadcom Corporation.
ACSL-7210 BOARDCOM-ACSL-7210 Datasheet
537Kb / 10P
Dual-Channel (Bidirectional) 25-MBd CMOS Buffered Input Digital Optocoupler
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com