Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3N40 Datasheet (PDF) - Unisonic Technologies

3N40 Datasheet PDF - Unisonic Technologies
Part # 3N40
Download  3N40 Download
File Size   198.32 Kbytes
Page   6 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description 3A, 400V N-CHANNEL POWER MOSFET

3N40 Datasheet (PDF)

Go To PDF Page Download Datasheet
3N40 Datasheet PDF - Unisonic Technologies

Part # 3N40
Download  3N40 Click to download

File Size   198.32 Kbytes
Page   6 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description 3A, 400V N-CHANNEL POWER MOSFET

3N40 Datasheet (HTML) - Unisonic Technologies


3N40 Product details

DESCRIPTION
The UTC 3N40 is an N-channel mode power MOSFET using UTC’s advanced technology to provide customers with planar stripe and DMOS technology. This technology specializes in allowing a minimum on-state resistance and superior switching performance. It also can withstand high energy pulse in the avalanche and commutation mode.
The UTC 3N40 is universally applied in electronic lamp ballast based on half bridge topology and high efficient switched mode power supply.

FEATURES
* RDS(ON)<2.0Ω @ VGS=10V, ID=1.5A
* High switching speed
* 100% avalanche tested




Similar Part No. - 3N40

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
3N40 ISC-3N40 Datasheet
67Kb / 2P
Fast Switching
3N40-220 ISC-3N40-220 Datasheet
167Kb / 2P
isc N-Channel MOSFET Transistor
logo
Unisonic Technologies
3N40G-TF3-T UTC-3N40G-TF3-T Datasheet
211Kb / 6P
N-CHANNEL MOSFET FOR HIGH SPEED SWITCHING
3N40G-TN3-R UTC-3N40G-TN3-R Datasheet
211Kb / 6P
N-CHANNEL MOSFET FOR HIGH SPEED SWITCHING
3N40G-TND-R UTC-3N40G-TND-R Datasheet
211Kb / 6P
N-CHANNEL MOSFET FOR HIGH SPEED SWITCHING
More results


Similar Description - 3N40

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
BUZ76 INTERSIL-BUZ76 Datasheet
42Kb / 5P
3A, 400V, 1.800 Ohm, N-Channel Power MOSFET
October 1998
logo
Unisonic Technologies
18N40 UTC-18N40 Datasheet
145Kb / 3P
400V N-CHANNEL POWER MOSFET
1N40_1109 UTC-1N40_1109 Datasheet
173Kb / 4P
1A, 400V N-CHANNEL POWER MOSFET
4N40 UTC-4N40 Datasheet
153Kb / 3P
4A, 400V N-CHANNEL POWER MOSFET
5N40 UTC-5N40 Datasheet
198Kb / 6P
5A, 400V N-CHANNEL POWER MOSFET
6N40_1109 UTC-6N40_1109 Datasheet
189Kb / 6P
6A, 400V N-CHANNEL POWER MOSFET
10N40 UTC-10N40 Datasheet
175Kb / 4P
10.5A, 400V N-CHANNEL POWER MOSFET
12N40 UTC-12N40 Datasheet
164Kb / 4P
12A, 400V N-CHANNEL POWER MOSFET
13N40 UTC-13N40 Datasheet
157Kb / 4P
13A, 400V N-CHANNEL POWER MOSFET
logo
First Components Intern...
IRF740FP FCI-IRF740FP Datasheet
208Kb / 3P
10A 400V N CHANNEL POWER MOSFET
More results




About Unisonic Technologies


Unisonic Technologies is a Taiwanese semiconductor company that specializes in the design, manufacture, and sales of power management and analog integrated circuits (ICs). The company was founded in 1980 and has a global presence, with offices and facilities in Asia, Europe, and the Americas.

Unisonic Technologies provides a wide range of products and solutions, including power management ICs, linear voltage regulators, and motor control ICs. The company's products are used in a variety of applications, including consumer electronics, automotive, industrial, and telecommunications. Unisonic Technologies is known for its expertise in power management technology and its ability to provide high-performance and cost-effective solutions to its customers.

In recent years, Unisonic Technologies has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and smart energy markets. The company is committed to innovation and research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Unisonic Technologies is a recognized leader in the power management and analog ICs market and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com