Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OSM53014C1A Datasheet (PDF) - OptoSupply International

OSM53014C1A Datasheet PDF - OptoSupply International
Part # OSM53014C1A
Download  OSM53014C1A Download
File Size   504.55 Kbytes
Page   9 Pages
Manufacturer  OPTOSUPPLY [OptoSupply International]
Direct Link  http://www.optosupply.com
Logo OPTOSUPPLY - OptoSupply International
Description 3.0 x 1.4 x 0.8mm SMD

OSM53014C1A Datasheet (PDF)

Go To PDF Page Download Datasheet
OSM53014C1A Datasheet PDF - OptoSupply International

Part # OSM53014C1A
Download  OSM53014C1A Click to download

File Size   504.55 Kbytes
Page   9 Pages
Manufacturer  OPTOSUPPLY [OptoSupply International]
Direct Link  http://www.optosupply.com
Logo OPTOSUPPLY - OptoSupply International
Description 3.0 x 1.4 x 0.8mm SMD

OSM53014C1A Datasheet (HTML) - OptoSupply International




Similar Part No. - OSM53014C1A

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OSM53002X1B68VW OPTOSUPPLY-OSM53002X1B68VW Datasheet
126Kb / 1P
d6*37 68v warm white tubular power led
More results


Similar Description - OSM53014C1A

ManufacturerPart #DatasheetDescription
logo
OPTEK Technologies
OVSTRGBFC6 OPTEK-OVSTRGBFC6 Datasheet
1Mb / 9P
Full Color SMT Chip LED (3.5 x 3.0 x 1.4 mm)
logo
OptoSupply Internationa...
OSXX5630C1A-60MA OPTOSUPPLY-OSXX5630C1A-60MA Datasheet
491Kb / 9P
5.6 x 3.0 x 0.9mm SMD
OSXX5630C1A-150MA OPTOSUPPLY-OSXX5630C1A-150MA Datasheet
496Kb / 9P
5.6 x 3.0 x 0.9mm SMD
OSM55630C1A-150MA OPTOSUPPLY-OSM55630C1A-150MA_13 Datasheet
311Kb / 9P
5.6 x 3.0 x 0.8mm SMD
logo
EUROQUARTZ limited
X3215 EUROQUARTZ-X3215 Datasheet
167Kb / 1P
3.2 x 1.5 x 0.8mm Micro-miniature SMD
logo
Kingbright Corporation
APHM1608VRBXF-A-5MAV KINGBRIGHT-APHM1608VRBXF-A-5MAV Datasheet
295Kb / 4P
1.6 x 0.8mm SMD CHIP LED LAMP
logo
TT Electronics.
OVSTRGBFC6 TTELEC-OVSTRGBFC6 Datasheet
1Mb / 9P
Full Color SMT Chip LED (3.5 x 3.0 x 1.4 mm)
logo
Transko Electronics, In...
CT21 TRANSKO-CT21 Datasheet
305Kb / 1P
TEMPERATURE SENSING SMD CRYSTAL (2.0 x 1.6 x 0.8mm)
Rev. 1: 10-10-19
SMTF TRANSKO-SMTF Datasheet
358Kb / 1P
MINIATURE SMD TUNING FORK CRYSTAL (5.2 x 1.4 x 1.5mm)
Ver. 2: Sep. 2013
TSI21 TRANSKO-TSI21 Datasheet
465Kb / 1P
MINIATURE SMD REAL TIME CLOCK (2.0 x 1.6 x 0.8mm)
Rev.0: Mar. 2017
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com