Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7N90 Datasheet (PDF) - Unisonic Technologies

7N90 Datasheet PDF - Unisonic Technologies
Part # 7N90
Download  7N90 Download
File Size   185.44 Kbytes
Page   6 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description 7A, 900V N-CHANNEL POWER MOSFET

7N90 Datasheet (PDF)

Go To PDF Page Download Datasheet
7N90 Datasheet PDF - Unisonic Technologies

Part # 7N90
Download  7N90 Click to download

File Size   185.44 Kbytes
Page   6 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description 7A, 900V N-CHANNEL POWER MOSFET

7N90 Datasheet (HTML) - Unisonic Technologies




Similar Part No. - 7N90

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
7N90 UTC-7N90 Datasheet
173Kb / 6P
900V N-CHANNEL POWER MOSFET
logo
Nell Semiconductor Co.,...
7N90 NELLSEMI-7N90 Datasheet
394Kb / 8P
N-Channel Power MOSFET
logo
Inchange Semiconductor ...
7N90 ISC-7N90 Datasheet
67Kb / 2P
Fast Switching Speed
logo
Unisonic Technologies
7N90-MK6 UTC-7N90-MK6 Datasheet
210Kb / 5P
N-CHANNEL POWER MOSFET
logo
Inchange Semiconductor ...
7N90A ISC-7N90A Datasheet
291Kb / 2P
isc N-Channel Mosfet Transistor
More results


Similar Description - 7N90

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STW7NA90 STMICROELECTRONICS-STW7NA90 Datasheet
111Kb / 9P
N - CHANNEL 900V - 1.05ohm - 7A - TO-247/ISOWATT218 FAST POWER MOSFET
Oct-1998
logo
Shindengen Electric Mfg...
2SK2674 SHINDENGEN-2SK2674 Datasheet
430Kb / 12P
HVX-2 Series Power MOSFET(900V 7A)
2SK2675 SHINDENGEN-2SK2675 Datasheet
431Kb / 12P
HVX-2 Series Power MOSFET(900V 7A)
logo
Unisonic Technologies
7N90 UTC-7N90 Datasheet
173Kb / 6P
900V N-CHANNEL POWER MOSFET
logo
Taiwan Semiconductor Co...
TSM9N90 TSC-TSM9N90 Datasheet
429Kb / 10P
900V N-Channel Power MOSFET
TSM3N90 TSC-TSM3N90_14 Datasheet
572Kb / 12P
900V N-Channel Power MOSFET
TSM4N90 TSC-TSM4N90_14 Datasheet
469Kb / 10P
900V N-Channel Power MOSFET
TSM9N90_1311 TSC-TSM9N90_1311 Datasheet
491Kb / 10P
900V N-Channel Power MOSFET
TSM7N90 TSC-TSM7N90_14 Datasheet
1Mb / 10P
900V N-Channel Power MOSFET
logo
Shindengen Electric Mfg...
P7F90VX3 SHINDENGEN-P7F90VX3 Datasheet
1Mb / 8P
Power MOSFETs 900V, 7A, N-channel
More results




About Unisonic Technologies


Unisonic Technologies is a Taiwanese semiconductor company that specializes in the design, manufacture, and sales of power management and analog integrated circuits (ICs). The company was founded in 1980 and has a global presence, with offices and facilities in Asia, Europe, and the Americas.

Unisonic Technologies provides a wide range of products and solutions, including power management ICs, linear voltage regulators, and motor control ICs. The company's products are used in a variety of applications, including consumer electronics, automotive, industrial, and telecommunications. Unisonic Technologies is known for its expertise in power management technology and its ability to provide high-performance and cost-effective solutions to its customers.

In recent years, Unisonic Technologies has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and smart energy markets. The company is committed to innovation and research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Unisonic Technologies is a recognized leader in the power management and analog ICs market and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com