Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

10N30 Datasheet (PDF) - Unisonic Technologies

10N30 Datasheet PDF - Unisonic Technologies
Part # 10N30
Download  10N30 Download
File Size   156.93 Kbytes
Page   4 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description 10A, 300V N-CHANNEL POWER MOSFET

10N30 Datasheet (PDF)

Go To PDF Page Download Datasheet
10N30 Datasheet PDF - Unisonic Technologies

Part # 10N30
Download  10N30 Click to download

File Size   156.93 Kbytes
Page   4 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description 10A, 300V N-CHANNEL POWER MOSFET

10N30 Datasheet (HTML) - Unisonic Technologies


10N30 Product details

DESCRIPTION
The UTC 10N30 is an N-channel mode power MOSFET using UTC’ s advanced technology to provide customers with planar stripe and DMOS technology. This technology specializes in allowing a minimum on-state resistance and superior switching performance. It also can withstand high energy pulse in the avalanche and commutation mode.
The UTC 10N30 is universally applied in electronic lamp ballast based on half bridge topology and high efficient switched mode power supply.

FEATURES
* High switching speed
* RDS(ON)=0.65Ω @ VGS=10V
* 100% avalanche tested




Similar Part No. - 10N30

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
10N30G-TA3-T UTC-10N30G-TA3-T Datasheet
157Kb / 4P
N-CHANNEL POWER MOSFET
10N30G-TM3-T UTC-10N30G-TM3-T Datasheet
157Kb / 4P
N-CHANNEL POWER MOSFET
10N30G-TN3-R UTC-10N30G-TN3-R Datasheet
157Kb / 4P
N-CHANNEL POWER MOSFET
10N30G-TN3-T UTC-10N30G-TN3-T Datasheet
157Kb / 4P
N-CHANNEL POWER MOSFET
10N30L-TA3-T UTC-10N30L-TA3-T Datasheet
157Kb / 4P
N-CHANNEL POWER MOSFET
More results


Similar Description - 10N30

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQB5N30 FAIRCHILD-FQB5N30 Datasheet
770Kb / 9P
300V N-Channel MOSFET
FQP5N30 FAIRCHILD-FQP5N30 Datasheet
754Kb / 8P
300V N-Channel MOSFET
FQPF14N30 FAIRCHILD-FQPF14N30 Datasheet
717Kb / 8P
300V N-Channel MOSFET
FQPF5N30 FAIRCHILD-FQPF5N30 Datasheet
763Kb / 8P
300V N-Channel MOSFET
logo
Unisonic Technologies
UF3N30 UTC-UF3N30 Datasheet
134Kb / 3P
3A, 300V N-CHANNEL POWER MOSFET
UF2N30Z UTC-UF2N30Z Datasheet
145Kb / 3P
2A, 300V N-CHANNEL POWER MOSFET
4N30 UTC-4N30 Datasheet
180Kb / 3P
4A, 300V N-CHANNEL POWER MOSFET
4N30Z UTC-4N30Z Datasheet
180Kb / 3P
4A, 300V N-CHANNEL POWER MOSFET
12N30 UTC-12N30 Datasheet
164Kb / 5P
12A, 300V N-CHANNEL POWER MOSFET
UF3N30Z UTC-UF3N30Z Datasheet
148Kb / 3P
3A, 300V N-CHANNEL POWER MOSFET
More results




About Unisonic Technologies


Unisonic Technologies is a Taiwanese semiconductor company that specializes in the design, manufacture, and sales of power management and analog integrated circuits (ICs). The company was founded in 1980 and has a global presence, with offices and facilities in Asia, Europe, and the Americas.

Unisonic Technologies provides a wide range of products and solutions, including power management ICs, linear voltage regulators, and motor control ICs. The company's products are used in a variety of applications, including consumer electronics, automotive, industrial, and telecommunications. Unisonic Technologies is known for its expertise in power management technology and its ability to provide high-performance and cost-effective solutions to its customers.

In recent years, Unisonic Technologies has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and smart energy markets. The company is committed to innovation and research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Unisonic Technologies is a recognized leader in the power management and analog ICs market and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com