Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4N30 Datasheet (PDF) - Unisonic Technologies

4N30 Datasheet PDF - Unisonic Technologies
Part # 4N30
Download  4N30 Download
File Size   180.28 Kbytes
Page   3 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description 4A, 300V N-CHANNEL POWER MOSFET

4N30 Datasheet (PDF)

Go To PDF Page Download Datasheet
4N30 Datasheet PDF - Unisonic Technologies

Part # 4N30
Download  4N30 Click to download

File Size   180.28 Kbytes
Page   3 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description 4A, 300V N-CHANNEL POWER MOSFET

4N30 Datasheet (HTML) - Unisonic Technologies


4N30 Product details

■ DESCRIPTION
The UTC 4N30 is an N-channel mode power MOSFET using UTC’s advanced technology to provide customers with a minimum on-state resistance, low gate charge and superior switching performance.

■ FEATURES
* RDS(ON)<2Ω @ VGS=10V, ID=4A
* High switching speed
* Typically 3.2nC low gate charge
* 100% avalanche tested




Similar Part No. - 4N30

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
4N30 MOTOROLA-4N30 Datasheet
287Kb / 6P
STANDARD THRU HOLE CASE 730A-04
logo
QT Optoelectronics
4N30 QT-4N30 Datasheet
136Kb / 6P
GENERAL PURPOSE 6-PIN PHOTODARLINGTON OPTOCOUPLERS
logo
Toshiba Semiconductor
4N30 TOSHIBA-4N30 Datasheet
301Kb / 6P
TOSHBA PHOTOCOUPLER GaAs IRED & PHOTO-TRANSISTOR
01-Jun-2001
logo
Fairchild Semiconductor
4N30 FAIRCHILD-4N30 Datasheet
222Kb / 13P
General Purpose 6-Pin Photodarlington Optocoupler
logo
ISOCOM COMPONENTS
4N30 ISOCOM-4N30 Datasheet
343Kb / 3P
OPTICALLY COUPLED ISOLATOR PHOTODARLINGTON OUTPUT
More results


Similar Description - 4N30

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQB5N30 FAIRCHILD-FQB5N30 Datasheet
770Kb / 9P
300V N-Channel MOSFET
FQP5N30 FAIRCHILD-FQP5N30 Datasheet
754Kb / 8P
300V N-Channel MOSFET
logo
Unisonic Technologies
10N30 UTC-10N30 Datasheet
156Kb / 4P
10A, 300V N-CHANNEL POWER MOSFET
UF3N30 UTC-UF3N30 Datasheet
134Kb / 3P
3A, 300V N-CHANNEL POWER MOSFET
logo
Alpha & Omega Semicondu...
AON7460 AOSMD-AON7460 Datasheet
512Kb / 6P
300V,4A N-Channel MOSFET
logo
Unisonic Technologies
UF2N30Z UTC-UF2N30Z Datasheet
145Kb / 3P
2A, 300V N-CHANNEL POWER MOSFET
4N30Z UTC-4N30Z Datasheet
180Kb / 3P
4A, 300V N-CHANNEL POWER MOSFET
12N30 UTC-12N30 Datasheet
164Kb / 5P
12A, 300V N-CHANNEL POWER MOSFET
UF3N30Z UTC-UF3N30Z Datasheet
148Kb / 3P
3A, 300V N-CHANNEL POWER MOSFET
More results




About Unisonic Technologies


Unisonic Technologies is a Taiwanese semiconductor company that specializes in the design, manufacture, and sales of power management and analog integrated circuits (ICs). The company was founded in 1980 and has a global presence, with offices and facilities in Asia, Europe, and the Americas.

Unisonic Technologies provides a wide range of products and solutions, including power management ICs, linear voltage regulators, and motor control ICs. The company's products are used in a variety of applications, including consumer electronics, automotive, industrial, and telecommunications. Unisonic Technologies is known for its expertise in power management technology and its ability to provide high-performance and cost-effective solutions to its customers.

In recent years, Unisonic Technologies has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and smart energy markets. The company is committed to innovation and research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Unisonic Technologies is a recognized leader in the power management and analog ICs market and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com